Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL45D2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # BUL45D2
Description  High Speed, High Gain Bipolar NPN Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45D2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button BUL45D2_14 Datasheet HTML 2Page - ON Semiconductor BUL45D2_14 Datasheet HTML 3Page - ON Semiconductor BUL45D2_14 Datasheet HTML 4Page - ON Semiconductor BUL45D2_14 Datasheet HTML 5Page - ON Semiconductor BUL45D2_14 Datasheet HTML 6Page - ON Semiconductor BUL45D2_14 Datasheet HTML 7Page - ON Semiconductor BUL45D2_14 Datasheet HTML 8Page - ON Semiconductor BUL45D2_14 Datasheet HTML 9Page - ON Semiconductor BUL45D2_14 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BUL45D2G
www.onsemi.com
6
TYPICAL SWITCHING CHARACTERISTICS
Figure 13. Resistive Switch Time, ton
1000
400
0
4
1.5
0.5
IC, COLLECTOR CURRENT (AMPS)
3.5
800
600
200
TJ = 125°C
TJ = 25°C
IC/IB = 10
IC/IB = 5
IBon = IBoff
VCC = 300 V
PW = 20
ms
1
2
2.5
3
Figure 14. Resistive Switch Time, toff
5
0
IC, COLLECTOR CURRENT (AMPS)
3
4
2
1
TJ = 125°C
TJ = 25°C
IC/IB = 10
IC/IB = 5
IBon = IBoff
VCC = 300 V
PW = 20
ms
4
1.5
0.5
3.5
1
2
2.5
3
Figure 15. Inductive Storage Time,
tsi @ IC/IB = 5
4
2
0
4
1
0
IC, COLLECTOR CURRENT (AMPS)
3
3
1
2
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
IC/IB = 5
Figure 16. Inductive Storage Time,
tsi @ IC/IB = 10
5
2
0
4
1
0
IC, COLLECTOR CURRENT (AMPS)
3
3
1
2
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
4
Figure 17. Inductive Switching,
tc & tfi @ IC/IB = 5
600
200
0
4
1
0
IC, COLLECTOR CURRENT (AMPS)
3
400
300
100
500
2
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
Figure 18. Inductive Switching,
tfi @ IC/IB = 10
tc
tfi
400
200
0
4
1
0
IC, COLLECTOR CURRENT (AMPS)
3
300
100
2
TJ = 125°C
TJ = 25°C
IBoff = IBon
VCC = 15 V
VZ = 300 V
LC = 200 mH


Similar Part No. - BUL45D2_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
More results

Similar Description - BUL45D2_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
logo
Nexperia B.V. All right...
PHPT610035NK NEXPERIA-PHPT610035NK Datasheet
280Kb / 14P
   NPN/NPN high power double bipolar transistor
10 September 2020
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
193Kb / 14P
   High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
logo
Diodes Incorporated
ZXTN07012EFF DIODES-ZXTN07012EFF_16 Datasheet
372Kb / 7P
   12V NPN HIGH GAIN POWER TRANSISTOR
ZXTN19020CFF DIODES-ZXTN19020CFF_16 Datasheet
340Kb / 7P
   20V NPN HIGH GAIN POWER TRANSISTOR
logo
Nexperia B.V. All right...
PHPT610030NK-Q NEXPERIA-PHPT610030NK-Q Datasheet
283Kb / 14P
   NPN/NPN high power double bipolar transistor
10 February 2023
logo
Diodes Incorporated
ZXTN19060CFF DIODES-ZXTN19060CFF Datasheet
377Kb / 7P
   60V NPN HIGH GAIN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com