Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC120348BP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC120348BP
Description  MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC120348BP Datasheet(HTML) 3 Page - Motorola, Inc

  MC120348BP Datasheet HTML 1Page - Motorola, Inc MC120348BP Datasheet HTML 2Page - Motorola, Inc MC120348BP Datasheet HTML 3Page - Motorola, Inc MC120348BP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC12034A MC12034B
3
MOTOROLA RF/IF DEVICE DATA
Figure 4. AC Test Circuit
SINE WAVE GENERATOR
50
C1
C2
MC INPUT
C3
VCC = 4.5 Vdc to 5.5 Vdc
CL
RL
VCC
SW
IN
IN
MC
GND
OUT
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 12 pF (INCLUDING SCOPE
CL = AND JIG CAPACITANCE)
RL = 1.1 kΩ
EXTERNAL COMPONENTS
Figure 5. Input Signal Amplitude versus Input Frequency
Figure 6. Output Amplitude versus Input Frequency
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1250.0
710.0
400.0
225.0
125.0
71.0
40.0
22.5
12.8
7.10
4.00
2.25
1.25
0.71
0
260
520
780
1040
1300
1560
1820
2080
2340
2600
2000
1600
1200
800
400
0
FREQUENCY (MHz)
FREQUENCY (MHz)
0
260
520
780
1040
1300
1560
1820
2080
2340
2600
Divide Ratio = 65


Similar Part No. - MC120348BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1203 MOTOROLA-MC1203 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AD MOTOROLA-MC12033AD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AP MOTOROLA-MC12033AP Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033BD MOTOROLA-MC12033BD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
More results

Similar Description - MC120348BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com