Electronic Components Datasheet Search |
|
MJE5850 Datasheet(PDF) 6 Page - ON Semiconductor |
|
MJE5850 Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 8 page MJE5850, MJE5851, MJE5852 www.onsemi.com 6 The Safe Operating Area figures shown in Figures 12 and 13 are specified for these devices under the test conditions shown. 7.0 0 1.0 100 300 500 3.0 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 5.0 5 ms 100 ms dc 20 7.0 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 0.05 10 400 5.0 2.0 10 1.0 0.2 0.1 BONDING WIRE LIMIT THERMAL LIMIT (SINGLE PULSE) SECOND BREAKDOWN LIMIT 20 40 70 100 Figure 12. Maximum Forward Bias Safe Operating Area TC = 25 °C Figure 13. RBSOA, Maximum Reverse Bias Safe Operating Area 0.5 0.02 300 200 400 500 IC/IB = 4 VBE(off) = 2 V to 8 V TJ = 100°C MJE5850 MJE5851 MJE5852 8.0 2.0 4.0 6.0 MJE5850 MJE5851 MJE5852 200 1 ms Safe Operating Area Information Forward Bias There are two limitations on the power handling ability of a transistor average junction temperature and second breakdown. Safe operating area curves indicate IC − VCE limits of the transistor that must be observed for reliable operation, i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 12 is based on TC = 25 _C; TJ(pk) is variable depending on power level. Second breakdown pulse limits are valid for duty cycles to 10% but must be derated when TC ≥ 25_C. Second breakdown limitations do not derate the same as thermal limitations. Allowable current at the voltages shown on Figure 12 may be found at any case temperature by using the appropriate curve on Figure 15. TJ(pk) may be calculated from the data in Figure 11. At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown. Reverse Bias For inductive loads, high voltage and high current must be sustained simultaneously during turn−off, in most cases, with the base to emitter junction reverse biased. Under these conditions the collector voltage must be held to a safe level at or below a specific value of collector current. This can be accomplished by several means such as active clamping, RC snubbing, load line shaping, etc. The safe level for these devices is specified as Reverse Bias Safe Operating Area and represents the voltage−current condition allowable during reverse biased turn−off. This rating is verified under clamped conditions so that the device is never subjected to an avalanche mode. Figure 13 gives the RBSOA characteristics. Figure 14. Peak Reverse Base Current Figure 15. Forward Bias Power Derating IC = 4 A IB1 = 1 A TJ = 25°C TC, CASE TEMPERATURE (°C) 0 40 120 160 0.6 SECOND BREAKDOWN DERATING 1 0.8 0.4 0.2 60 100 140 80 THERMAL DERATING 20 0 1.0 26 8 2.5 3.5 3.0 2.0 1.5 4 VBE(off), BASE-EMITTER VOLTAGE (VOLTS) |
Similar Part No. - MJE5850_15 |
|
Similar Description - MJE5850_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |