Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP41CG Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP41CG
Description  Complementary Silicon Plastic Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP41CG Datasheet(HTML) 2 Page - ON Semiconductor

  TIP41CG Datasheet HTML 1Page - ON Semiconductor TIP41CG Datasheet HTML 2Page - ON Semiconductor TIP41CG Datasheet HTML 3Page - ON Semiconductor TIP41CG Datasheet HTML 4Page - ON Semiconductor TIP41CG Datasheet HTML 5Page - ON Semiconductor TIP41CG Datasheet HTML 6Page - ON Semiconductor TIP41CG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIP41G, TIP41AG, TIP41BG, TIP41CG (NPN), TIP42G, TIP42AG, TIP42BG,
TIP42CG (PNP)
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.67
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
57
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mAdc, IB = 0)
TIP41G, TIP42G
TIP41AG, TIP42AG
TIP41BG, TIP42BG
TIP41CG, TIP42CG
VCEO(sus)
40
60
80
100
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP41G, TIP41AG, TIP42G, TIP42AG
(VCE = 60 Vdc, IB = 0)
TIP41BG, TIP41CG, TIP42BG, TIP42CG
ICEO
0.7
0.7
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB = 0)
TIP41G, TIP42G
(VCE = 60 Vdc, VEB = 0)
TIP41AG, TIP42AG
(VCE = 80 Vdc, VEB = 0)
TIP41BG, TIP42BG
(VCE = 100 Vdc, VEB = 0)
TIP41CG, TIP42CG
ICES
400
400
400
400
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 0.3 Adc, VCE = 4.0 Vdc)
(IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
30
15
75
Collector−Emitter Saturation Voltage
(IC = 6.0 Adc, IB = 600 mAdc)
VCE(sat)
1.5
Vdc
Base−Emitter On Voltage
(IC = 6.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - TIP41CG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP41CG ONSEMI-TIP41CG Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
logo
Unisonic Technologies
TIP41CG-TA3-T UTC-TIP41CG-TA3-T Datasheet
146Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41CG-TF3-T UTC-TIP41CG-TF3-T Datasheet
146Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41CG-X-TA3-T UTC-TIP41CG-X-TA3-T Datasheet
220Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41CG-X-TA3-T UTC-TIP41CG-X-TA3-T Datasheet
217Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - TIP41CG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com