Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP50G Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP50G
Description  High Voltage NPN Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP50G Datasheet(HTML) 4 Page - ON Semiconductor

  TIP50G Datasheet HTML 1Page - ON Semiconductor TIP50G Datasheet HTML 2Page - ON Semiconductor TIP50G Datasheet HTML 3Page - ON Semiconductor TIP50G Datasheet HTML 4Page - ON Semiconductor TIP50G Datasheet HTML 5Page - ON Semiconductor TIP50G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP47G, TIP48G, TIP50G
www.onsemi.com
4
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
20
5.0
50
500
Figure 5. Active Region Safe Operating Area
0.02
0.05
SECONDARY BREAKDOWN LIMITED
THERMALLY LIMITED @ 25
°C
BONDING WIRE LIMITED
1.0ms
dc
100
ms
0.2
0.1
5.0
2.0
CURVES APPLY
BELOW RATED VCEO
1.0
0.5
100
200
500
ms
TC ≤ 25°C
TIP47
TIP48
TIP50
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
0.05
0.1
0.2
0.02
0.5
IC, COLLECTOR CURRENT (AMPS)
Figure 6. Turn−Off Time
5.0
2.0
1.0
0.5
0.2
0.1
0.05
1.0
2.0
ts
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
tf
IC, COLLECTOR CURRENT (AMPS)
+4.5
+3.5
+2.5
+1.5
0
-0.5
-1.5
-2.5
*APPLIES FOR IC/IB ≤ hFE/5
qVC FOR VCE(sat)
qVB FOR VBE
Figure 7. Temperature Coefficients
0.02
0.05
0.1
0.2
0.5
1.0
2.0
+25
°C to +150°C
-55
°C to +25°C
+25
°C to +150°C
-55
°C to +25°C
+0.5
Figure 8. Inductive Load Switching
Note A: Input pulse width is increased until ICM = 0.63 A.
INPUT
50
MJE171
RBB1 =
150
W
100 mH
RBB2 =
100
W
VBB2 =
0
VBB1 = 10 V
VCE MONITOR
TUT
VCC = 20 V
IC MONITOR
RS =
0.1
W
50
0.63 A
0 V
-5 V
tw ≈ 3 ms
(SEE NOTE A)
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCER
0 V
10 V
100 ms
VCE(sat)


Similar Part No. - TIP50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP50G ONSEMI-TIP50G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
More results

Similar Description - TIP50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
   High Voltage NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
   NPN Silicon High-Voltage Power Transistors
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
   NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Comset Semiconductor
2N6249 COMSET-2N6249 Datasheet
387Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
   High Voltage NPN Silicon Power Transistors
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com