Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14415VP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14415VP
Description  Quad Precision Timer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14415VP Datasheet(HTML) 3 Page - Motorola, Inc

  MC14415VP Datasheet HTML 1Page - Motorola, Inc MC14415VP Datasheet HTML 2Page - Motorola, Inc MC14415VP Datasheet HTML 3Page - Motorola, Inc MC14415VP Datasheet HTML 4Page - Motorola, Inc MC14415VP Datasheet HTML 5Page - Motorola, Inc MC14415VP Datasheet HTML 6Page - Motorola, Inc MC14415VP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14415
292
SWITCHING CHARACTERISTICS* (CL = 15 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise Time
tTLH = (2.0 ns/pF) CL + 10 ns
tTLH = (1.25 ns/pF) CL + 6 ns
tTLH = (1.10 ns/pF) CL + 3 ns
tTLH
5.0
10
15
40
25
20
85
60
ns
Output Fall Time
tTHL = (1.5 ns/pF) CL + 47 ns
tTHL = (0.75 ns/pF) CL + 24 ns
tTHL = (0.55 ns/pF) CL + 17 ns
tTHL
5.0
10
15
70
35
25
150
80
ns
Turn–Off Delay Time
tPLH = (2.7 ns/pF) CL + 560 ns
tPLH = (1.2 ns/pF) CL + 282 ns
tPLH = (0.91 ns/pF) CL + 286 ns
tPLH
5.0
10
15
600
300
150
1200
600
ns
Turn–On Delay Time
tPHL = (2.4 ns/pF) CL + 564 ns
tPHL = (1.0 ns/pF) CL + 285 ns
tPHL = (0.75 ns/pF) CL + 289 ns
tPHL
5.0
10
15
600
300
150
1200
600
ns
Turn–On Delay Time (Inhibit to Output)
tPHL
5.0
10
15
300
225
110
550
425
ns
Turn–Off Delay Time (Inhibit to Output)
tPLH
5.0
10
15
300
225
110
550
425
ns
Input Pulse Coincidence (Figure 3)
PCmin
5.0
10
15
500
450
450
350
ns
Input Pulse Width (Figure 1)
tWH
5.0
10
15
500
450
450
350
ns
Input Clock Frequency
fcl
5.0
10
15
0.7
1.0
1.5
MHz
Clock Input Rise and Fall Times (Figure 1)
tTLH, tTHL
5.0
10
15
15
5.0
4.0
µs
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Characteristics — Waveform Relationships
20 ns
20 ns
VSS
VDD
VOH
VOL
VDD
VSS
VOH
VOL
INPUT
OUTPUT
CLOCK
OUTPUT
1
2
50%
90%
10%
tWH
tPLH
tTLH
tTHL
tPHL
100
50%
10%
90%
50%


Similar Part No. - MC14415VP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14410 MOTOROLA-MC14410 Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC144105 MOTOROLA-MC144105 Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC144105P MOTOROLA-MC144105P Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC14410L MOTOROLA-MC14410L Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC14410P MOTOROLA-MC14410P Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
More results

Similar Description - MC14415VP

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Hitachi Semiconductor
HA17555 HITACHI-HA17555 Datasheet
52Kb / 10P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555 Datasheet
135Kb / 8P
   Precision Timer
logo
Diodes Incorporated
NE555S DIODES-NE555S Datasheet
673Kb / 14P
   PRECISION TIMER
Rev. 5 - 2 February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555_15 Datasheet
160Kb / 10P
   Precision Timer
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
KA558 FAIRCHILD-KA558 Datasheet
44Kb / 6P
   Quad Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com