Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14508B Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC14508B
Description  Dual 4-Bit Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14508B Datasheet(HTML) 1 Page - Motorola, Inc

  MC14508B Datasheet HTML 1Page - Motorola, Inc MC14508B Datasheet HTML 2Page - Motorola, Inc MC14508B Datasheet HTML 3Page - Motorola, Inc MC14508B Datasheet HTML 4Page - Motorola, Inc MC14508B Datasheet HTML 5Page - Motorola, Inc MC14508B Datasheet HTML 6Page - Motorola, Inc MC14508B Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14508B
344
Dual 4-Bit Latch
The MC14508B dual 4–bit latch is constructed with MOS P–channel and
N–channel enhancement mode devices in a single monolithic structure. The
part consists of two identical, independent 4–bit latches with separate Strobe
(ST) and Master Reset (MR) controls. Separate Disable inputs force the
outputs to a high impedance state and allow the devices to be used in time
sharing bus line applications.
These complementary MOS latches find primary use in buffer storage,
holding register, or general digital logic functions where low power
dissipation and/or high noise immunity is desired.
• 3–State Output
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable–of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
TRUTH TABLE
MR
ST
Disable
D3
D2
D1
D0
Q3
Q2
Q1
Q0
0
1
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
1
0
1
0
0
0
1
0
0
0
1
0
0
1
0
0
1
0
0
0
1
0
0
0
1
0
1
0
0
0
1
0
0
0
0
0
0
X
X
X
X
Latched
1
X
0
X
X
X
X
0
0
0
0
X
X
1
X
X
X
X
High Impedance
X = Don’t Care
CIRCUIT DIAGRAM
DIS
MR
ST
Dn
(TO OTHER THREE LATCHES)
VDD
Qn
VSS
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14508B
L SUFFIX
CERAMIC
CASE 623
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBDW
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 709
DW SUFFIX
SOIC
CASE 751E
BLOCK DIAGRAM
22
20
18
16
15
14
13
10
8
6
4
3
2
1
23
21
19
17
11
9
7
5
MR
ST
DIS
D0
D1
D2
D3
MR
ST
DIS
D0
D1
D2
D3
Q0
Q1
Q2
Q3
Q0
Q1
Q2
Q3
VDD = PIN 24
VSS = PIN 12


Similar Part No. - MC14508B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145003FU MOTOROLA-MC145003FU Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145004 MOTOROLA-MC145004 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
More results

Similar Description - MC14508B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
   Dual 4-bit latch
January 1995
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
   Dual 4-Bit Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
   DUAL 4-BIT LATCH
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
   Dual 4-Bit Addressable Latch
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
   CMOS Dual 4-Bit Latch
December 1992
logo
Renesas Technology Corp
CD4512BMS RENESAS-CD4512BMS Datasheet
332Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
logo
Texas Instruments
CD4508B TI-CD4508B Datasheet
228Kb / 14P
[Old version datasheet]   CMOS DUAL 4-BIT LATCH
logo
Intersil Corporation
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com