Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14508BCP Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC14508BCP
Description  Dual 4-Bit Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14508BCP Datasheet(HTML) 5 Page - Motorola, Inc

  MC14508BCP Datasheet HTML 1Page - Motorola, Inc MC14508BCP Datasheet HTML 2Page - Motorola, Inc MC14508BCP Datasheet HTML 3Page - Motorola, Inc MC14508BCP Datasheet HTML 4Page - Motorola, Inc MC14508BCP Datasheet HTML 5Page - Motorola, Inc MC14508BCP Datasheet HTML 6Page - Motorola, Inc MC14508BCP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14508B
348
3–STATE MODE OF OPERATION
The MC14508B can be used in bussed systems as shown.
The output terminals of N 4–bit latches can be directly wired
to a bus line, and to one of the 4–bit latches selected. The
selected latch controls the logic state of the bus line and the
remaining (N–1) 4–bit latches are disabled into a high imped-
ance “off” state. The number of latches, N, which may be
connected to a bus line is determined from the output drive
current, IOD, the 3–state or disabled output leakage current,
ITL, and the load current, IL, required to drive the bus line (in-
cluding fanout to other device inputs) and can be calculated
by the following:
ITL
N =
+ 1
IOD – IL
N must be calculated for both high and low logic states of the
bus line.
SELECTED AS
DRIVING DEVICE
1/2
MC14508B
DISABLED
1/2
MC14508B
DISABLED
1/2
MC14508B
IOD
IOD
ITL
ITL
ITL
ITL
IL
IL
BUS LINES
TYPICAL 3–STATE APPLICATIONS
EXAMPLE 1
EXAMPLE 2
DISABLE
DISABLE
STROBE
SERIAL
DATA
CLOCK
RESET
4–LINE DATA BUS
MC14015B
MC
14508B
4–BIT SHIFT
REGISTER
4–BIT SHIFT
REGISTER
QUAD LATCH
(3–STATE)
QUAD LATCH
(3–STATE)
3–STATE
4–BIT LATCH
3–STATE
4–BIT LATCH
3–STATE
4–BIT LATCH
4–LINE DATA BUS
MC
14508B
3–STATE
4–BIT LATCH
4–LINE DATA BUS
MC14519B
A
B
DATA BUS
3–STATE
4–BIT LATCH
14508B
MC


Similar Part No. - MC14508BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145003FU MOTOROLA-MC145003FU Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145004 MOTOROLA-MC145004 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
More results

Similar Description - MC14508BCP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
   Dual 4-bit latch
January 1995
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
   Dual 4-Bit Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
   DUAL 4-BIT LATCH
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
   Dual 4-Bit Addressable Latch
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
   CMOS Dual 4-Bit Latch
December 1992
logo
Renesas Technology Corp
CD4512BMS RENESAS-CD4512BMS Datasheet
332Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
logo
Texas Instruments
CD4508B TI-CD4508B Datasheet
228Kb / 14P
[Old version datasheet]   CMOS DUAL 4-BIT LATCH
logo
Intersil Corporation
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com