Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14508BDW Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC14508BDW
Description  Dual 4-Bit Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14508BDW Datasheet(HTML) 4 Page - Motorola, Inc

  MC14508BDW Datasheet HTML 1Page - Motorola, Inc MC14508BDW Datasheet HTML 2Page - Motorola, Inc MC14508BDW Datasheet HTML 3Page - Motorola, Inc MC14508BDW Datasheet HTML 4Page - Motorola, Inc MC14508BDW Datasheet HTML 5Page - Motorola, Inc MC14508BDW Datasheet HTML 6Page - Motorola, Inc MC14508BDW Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
347
MC14508B
Figure 1. AC Waveforms
STROBE
INPUT
Dn INPUT
Qn OUTPUT
tTLH
tTHL
tPHL
tPLH
50%
50%
th
tsu
50%
90%
10%
50%
MASTER RESET
INPUT
Qn OUTPUT
VDD
VSS
VOH
VOL
50%
tWH(R)
tWH(S)
Figure 2. 3–State AC Test Circuit and Waveforms
Test
ST1
ST2
ST3
ST4
tPHZ
Open
Close
Close
Open
tPLZ
Close
Open
Open
Close
tPZL
Close
Open
Open
Close
tPZH
Open
Close
Close
Open
PULSE
GENERATOR
VDD
ST3
ST4
VDD
VDD
ST1
ST2
CL
1.0 k
1.0 k
VSS
MR
ST
DISABLE
D0
D1
D2
D3
Q0
Q1
Q2
Q3
20 ns
20 ns
VDD
VSS
VOH
VOL
tPZH
tPZL
tPLZ
tPHZ
DISABLE
Q3 OUTPUT
50%
90%
10%
90%
10%
90%
10%
≈ 2 V @ VDD = 5 V
≈ 6 V @ VDD = 10 V
≈ 10 V @ VDD = 15 V
≈ 2.5 V @ VDD = 5 V,
10 V, AND 15 V


Similar Part No. - MC14508BDW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145003FU MOTOROLA-MC145003FU Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
MC145004 MOTOROLA-MC145004 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
More results

Similar Description - MC14508BDW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
   Dual 4-bit latch
January 1995
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
   Dual 4-Bit Latch
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
   DUAL 4-BIT LATCH
logo
Texas Instruments
CD4508B TI1-CD4508B_15 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos Dual 4-Bit Latch
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
   Dual 4-Bit Addressable Latch
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
   CMOS Dual 4-Bit Latch
December 1992
logo
Renesas Technology Corp
CD4512BMS RENESAS-CD4512BMS Datasheet
332Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
logo
Texas Instruments
CD4508B TI-CD4508B Datasheet
228Kb / 14P
[Old version datasheet]   CMOS DUAL 4-BIT LATCH
logo
Intersil Corporation
CD4512BMS INTERSIL-CD4512BMS Datasheet
67Kb / 8P
   CMOS Dual 4-Bit Latch
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com