Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14561BCP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14561BCP
Description  9S COMPLEMENTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14561BCP Datasheet(HTML) 3 Page - Motorola, Inc

  MC14561BCP Datasheet HTML 1Page - Motorola, Inc MC14561BCP Datasheet HTML 2Page - Motorola, Inc MC14561BCP Datasheet HTML 3Page - Motorola, Inc MC14561BCP Datasheet HTML 4Page - Motorola, Inc MC14561BCP Datasheet HTML 5Page - Motorola, Inc MC14561BCP Datasheet HTML 6Page - Motorola, Inc MC14561BCP Datasheet HTML 7Page - Motorola, Inc MC14561BCP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14561B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH, tPHL = (1.7 ns/pF) CL + 315 ns
tPLH, tPHL = (0.66 ns/pF) CL + 127 ns
tPLH, tPHL = (0.5 ns/pF) CL + 95 ns
tPLH,
tPHL
5.0
10
15
400
160
120
1000
400
300
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Waveforms
ANY INPUT
ANY OUTPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
90%
50%
10%
90%
50%
10%
tTLH
tTHL
tPLH
tPHL


Similar Part No. - MC14561BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
   PCM conference Circuit
More results

Similar Description - MC14561BCP

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9S0812H401 SANYODENKI-9S0812H401 Datasheet
215Kb / 2P
   DC Fan San Ace 80 9S type
9S0612S401 SANYODENKI-9S0612S401 Datasheet
176Kb / 2P
   DC Fan San Ace 60 9S type
9S1212H401 SANYODENKI-9S1212H401 Datasheet
203Kb / 2P
   DC Fan San Ace 120 9S type
9S0912F401 SANYODENKI-9S0912F401 Datasheet
188Kb / 2P
   DC Fan San Ace 92 9S type
logo
Schneider Electric
DL1CD0061 SCHNEIDER-DL1CD0061 Datasheet
119Kb / 2P
   Harmony XB4, LED bulb, BA 9s, white, 6 V
Nov 22, 2021
DL1CF220 SCHNEIDER-DL1CF220 Datasheet
129Kb / 2P
   Harmony XB4, Neon bulb, BA 9s, clear, 230 V AC
Nov 22, 2021
DL1CS7220SP SCHNEIDER-DL1CS7220SP Datasheet
124Kb / 2P
   orange neon bulb for signalling - BA 9s - 220/240 V
Nov 22, 2021
DL1CE024 SCHNEIDER-DL1CE024 Datasheet
147Kb / 2P
   Harmony XB4, Incandescent bulb, BA 9s, clear, 24 V AC/DC
Nov 22, 2021
logo
Mallory Sonalert Produc...
ZT028LACTC30 MSPI-ZT028LACTC30 Datasheet
46Kb / 1P
   Continuous for 30s then flash at .1s on .9s off
logo
Schneider Electric
DL1CJ0241 SCHNEIDER-DL1CJ0241 Datasheet
121Kb / 2P
   Harmony XB4, LED bulb, BA 9s, white, 24 V AC/DC
Nov 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com