Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14561BD Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC14561BD
Description  9S COMPLEMENTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14561BD Datasheet(HTML) 8 Page - Motorola, Inc

  MC14561BD Datasheet HTML 1Page - Motorola, Inc MC14561BD Datasheet HTML 2Page - Motorola, Inc MC14561BD Datasheet HTML 3Page - Motorola, Inc MC14561BD Datasheet HTML 4Page - Motorola, Inc MC14561BD Datasheet HTML 5Page - Motorola, Inc MC14561BD Datasheet HTML 6Page - Motorola, Inc MC14561BD Datasheet HTML 7Page - Motorola, Inc MC14561BD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14561B
8
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
_
_
_
_
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided
in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters,
including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent
rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant
into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a
situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application,
Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered
trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MC14561B/D
*MC14561B/D*


Similar Part No. - MC14561BD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
   PCM conference Circuit
More results

Similar Description - MC14561BD

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9S0812H401 SANYODENKI-9S0812H401 Datasheet
215Kb / 2P
   DC Fan San Ace 80 9S type
9S0612S401 SANYODENKI-9S0612S401 Datasheet
176Kb / 2P
   DC Fan San Ace 60 9S type
9S1212H401 SANYODENKI-9S1212H401 Datasheet
203Kb / 2P
   DC Fan San Ace 120 9S type
9S0912F401 SANYODENKI-9S0912F401 Datasheet
188Kb / 2P
   DC Fan San Ace 92 9S type
logo
Schneider Electric
DL1CD0061 SCHNEIDER-DL1CD0061 Datasheet
119Kb / 2P
   Harmony XB4, LED bulb, BA 9s, white, 6 V
Nov 22, 2021
DL1CF220 SCHNEIDER-DL1CF220 Datasheet
129Kb / 2P
   Harmony XB4, Neon bulb, BA 9s, clear, 230 V AC
Nov 22, 2021
DL1CS7220SP SCHNEIDER-DL1CS7220SP Datasheet
124Kb / 2P
   orange neon bulb for signalling - BA 9s - 220/240 V
Nov 22, 2021
DL1CE024 SCHNEIDER-DL1CE024 Datasheet
147Kb / 2P
   Harmony XB4, Incandescent bulb, BA 9s, clear, 24 V AC/DC
Nov 22, 2021
logo
Mallory Sonalert Produc...
ZT028LACTC30 MSPI-ZT028LACTC30 Datasheet
46Kb / 1P
   Continuous for 30s then flash at .1s on .9s off
logo
Schneider Electric
DL1CJ0241 SCHNEIDER-DL1CJ0241 Datasheet
121Kb / 2P
   Harmony XB4, LED bulb, BA 9s, white, 24 V AC/DC
Nov 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com