Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14598BCP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC14598BCP
Description  8-BIT BUS-COMPATIBLE LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14598BCP Datasheet(HTML) 1 Page - Motorola, Inc

  MC14598BCP Datasheet HTML 1Page - Motorola, Inc MC14598BCP Datasheet HTML 2Page - Motorola, Inc MC14598BCP Datasheet HTML 3Page - Motorola, Inc MC14598BCP Datasheet HTML 4Page - Motorola, Inc MC14598BCP Datasheet HTML 5Page - Motorola, Inc MC14598BCP Datasheet HTML 6Page - Motorola, Inc MC14598BCP Datasheet HTML 7Page - Motorola, Inc MC14598BCP Datasheet HTML 8Page - Motorola, Inc MC14598BCP Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14597B MC14598B
8-Bit Bus-Compatible Latches
The MC14597B and MC14598B are 8–bit latches, one addressed with an
internal counter and the other addressed with an external binary address.
The 8 latch–outputs are high drive, three–state and bus line compatible. The
drive capability allows direct applications with MPU systems such as the
Motorola 6800 family.
With MC14597B, a 3–bit address counter (clocked on the falling edge of
Increment) selects the appropriate latch. The latches of the MC14598B are
accessed via the Address pins, A0, A1, and A2. A Full Flag is provided on
the MC14597B to indicate the position of the Address counter.
All 8 outputs from the latches are available in parallel when Enable is in the
low state. Data is entered into a selected latch from the Data pin when the
Strobe is high. Master reset is available on both parts.
• Serial Data Input
• Three–State Bus Compatible Parallel Outputs
• Three–State Control Pin (Enable) TTL Compatible Input
• Open Drain Full Flag (Multiple Latch Wire–O Ring)
• Master Reset
• Level Shifting Inputs on All Except Enable
• Diode Protection — All Inputs
• Supply Voltage Range — 3.0 Vdc to 18 Vdc
• Capable of Driving TTL Over Rated Temperature Range
With Fanout as Follows:
1 TTL Load
4 LSTTL Loads
BLOCK DIAGRAMS
MC14598B
MC14597B
Enable
Outputs
1
High Impedance
0
Dn
Dn = State of nth latch
OUTPUT
TRUTH TABLE
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
D4
D3
D2
D1
VDD
D7
D6
D5
ENABLE
DATA
RESET
D0
VSS
INCREMENT
STROBE
FULL
NC
DATA
RESET
D0
VSS
A1
A0
STROBE
ENABLE
D3
D2
D1
VDD
A2
D7
D6
D5
D4
14
15
16
17
18
10
11
12
13
5
4
3
2
1
9
8
7
6
NC = NO CONNECTION
THREE
STATE
OUTPUT
BUFFERS
8
LATCHES
ADDRESS
DECODER
3–BIT
ADDRESS
COUNTER
FULL
LOGIC
RESET
LOGIC
RESET
2
4
ENABLE
1
15
14
13
12
11
10
9
D0
D1
D2
D3
D4
D5
D6
D7
DATA
3
STROBE
6
INCREMENT
5
FULL
VDD = 16
VSS = 8
7
1
17
16
15
14
13
12
11
D0
D1
D2
D3
D4
D5
D6
D7
ENABLE
4
THREE
STATE
OUTPUT
BUFFERS
8
LATCHES
ADDRESS
DECODER
VDD = 18
VSS = 9
2
3
6
RESET
DATA
STROBE
A0
A1
A2
7
8
10
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14599
See Page 6-174
MC14597B
MC14598B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14597BCP
Plastic
MC14597BCL
Ceramic
MC14597BDW
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
L SUFFIX
CERAMIC
CASE 726
P SUFFIX
PLASTIC
CASE 707
ORDERING INFORMATION
MC14598BCP
Plastic
MC14598BCL
Ceramic
TA = – 55° to 125°C for all packages.


Similar Part No. - MC14598BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14598BCP ONSEMI-MC14598BCP Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
MC14598BCPG ONSEMI-MC14598BCPG Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
More results

Similar Description - MC14598BCP

ManufacturerPart #DatasheetDescription
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI-CY74FCT2373T Datasheet
56Kb / 6P
[Old version datasheet]   8-Bit Latches
logo
ON Semiconductor
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
logo
Texas Instruments
SN74100 TI-SN74100 Datasheet
127Kb / 3P
[Old version datasheet]   8-BIT BISTABLE LATCHES
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com