Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC141531 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC141531
Description  LCD Segment / Common Driver CMOS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141531 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC141531 Datasheet HTML 3Page - Motorola, Inc MC141531 Datasheet HTML 4Page - Motorola, Inc MC141531 Datasheet HTML 5Page - Motorola, Inc MC141531 Datasheet HTML 6Page - Motorola, Inc MC141531 Datasheet HTML 7Page - Motorola, Inc MC141531 Datasheet HTML 8Page - Motorola, Inc MC141531 Datasheet HTML 9Page - Motorola, Inc MC141531 Datasheet HTML 10Page - Motorola, Inc MC141531 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
3–145
MC141531
MOTOROLA
Figure 1. Internal Oscillator Frequency Relationship with External Resistor Value
100k
500k
1.0M
1.5M
2.0M
Resistor Value between OSC1 and OSC2 (
Ω)
Oscillation
Frequency
(Hz)
260k
90k
70k
50k
30k
10k
280k
AC ELECTRICAL CHARACTERISTICS (TA=25˚C, Voltage referenced to VSS, AVDD=DVDD=3V)
Note:
FFRM = FOSC / 640
FANN = FOSC / 1280
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FOSC
Oscillation Frequency of Display timing generator
60Hz Frame Frequency
Either External Clock Input or Internal Oscillator
Enabled
-
38.4
-
kHz
FANN
Backplane Frequency of Annunciator
(Annun0-3, BP)
50% duty cycle
Annunciator on, Fosc=38.4KHz
-30
-
Hz
FFRM
Frame Frequency
Graphic Display Mode,
Timing generator freq. = 38.4kHz
Icon Mode, Timing generator freq. = 38.4kHz
-60
TBD
-Hz
OSC
Internal Oscillation Frequency with different value
of feedback resistor
Internal Oscillator Enabled, VDD within operation
range
See Figure 1 for the relationship


Similar Part No. - MC141531

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141532T MOTOROLA-MC141532T Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141533 MOTOROLA-MC141533 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
More results

Similar Description - MC141531

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
logo
List of Unclassifed Man...
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
   CMOS LCD SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com