Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145707DW Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145707DW
Description  5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145707DW Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145707DW Datasheet HTML 3Page - Motorola, Inc MC145707DW Datasheet HTML 4Page - Motorola, Inc MC145707DW Datasheet HTML 5Page - Motorola, Inc MC145707DW Datasheet HTML 6Page - Motorola, Inc MC145707DW Datasheet HTML 7Page - Motorola, Inc MC145707DW Datasheet HTML 8Page - Motorola, Inc MC145707DW Datasheet HTML 9Page - Motorola, Inc MC145707DW Datasheet HTML 10Page - Motorola, Inc MC145707DW Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC145705
•MC145706•MC145707
MOTOROLA
7
ESD PROTECTION
ESD protection on IC devices that have their pins accessi-
ble to the outside world is essential. High static voltages ap-
plied to the pins when someone touches them either directly
or indirectly can cause damage to gate oxides and transistor
junctions by coupling a portion of the energy from the I/O pin
to the power supply buses of the IC. This coupling will usually
occur through the internal ESD protection diodes which are
designed to do just that. The key to protecting the IC is to
shunt as much of the energy to ground as possible before it
enters the IC. The figure below shows a technique which will
clamp the ESD voltage at approximately
± 15 V using the
MMBZ15VDLT1. Any residual voltage which appears on the
supply pins is shunted to ground through the capacitors C1
and C2.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
C2+
GND
C2–
VSS
STB
NC
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
C1+
MMBZ15VDLT1
0.1
µF
C1–
VDD
TxEN
NC
DO1
DI1
DO2
DI2
DO3
DI3
VCC


Similar Part No. - MC145707DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570D MOTOROLA-MC14570D Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570P MOTOROLA-MC14570P Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results

Similar Description - MC145707DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Zarlink Semiconductor I...
MV8870 ZARLINK-MV8870 Datasheet
205Kb / 12P
   INTERGRATED DTMF RECEIVER
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com