Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAS325M12HM2 Datasheet(PDF) 4 Page - Cree, Inc

Part # CAS325M12HM2
Description  Ultra Low Loss, Low (5 nH) Inductance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CAS325M12HM2 Datasheet(HTML) 4 Page - Cree, Inc

  CAS325M12HM2 Datasheet HTML 1Page - Cree, Inc CAS325M12HM2 Datasheet HTML 2Page - Cree, Inc CAS325M12HM2 Datasheet HTML 3Page - Cree, Inc CAS325M12HM2 Datasheet HTML 4Page - Cree, Inc CAS325M12HM2 Datasheet HTML 5Page - Cree, Inc CAS325M12HM2 Datasheet HTML 6Page - Cree, Inc CAS325M12HM2 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CAS325M12HM2, Rev. A, 12-2016
Typical Performance
Figure8.3rdQuadrantCharacteristicat125˚C
Figure10.3rdQuadrantCharacteristicat175˚C
Figure9.3rdQuadrantCharacteristicat150˚C
Figure12.TypicalCapacitancesvs.Drain-Source
Voltage(0-1kV)
Figure7.3rdQuadrantCharacteristicat25˚C
Figure11.TypicalCapacitancesvs.Drain-Source
Voltage(0-200V)


Similar Part No. - CAS325M12HM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2 Datasheet
849Kb / 8P
   1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module
logo
WOLFSPEED, INC.
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
   1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
   Half-Bridge Module
logo
WOLFSPEED, INC.
CAS300M17BM2 WOLFSPEED-CAS300M17BM2 Datasheet
878Kb / 11P
   1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023
More results

Similar Description - CAS325M12HM2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL18HP VISHAY-WSL18HP Datasheet
119Kb / 4P
   Very low inductance 0.5 nH to 5 nH
Revision: 10-Aug-16
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
   Ultra Low Inductance Capacitors
logo
EIC discrete Semiconduc...
BYD167A EIC-BYD167A Datasheet
109Kb / 2P
   ULTRA FAST LOW-LOSS RECTIFIER
logo
Global Mixed-mode Techn...
G5198 GMT-G5198 Datasheet
34Kb / 1P
   Ultra-Low Loss Load Switch
logo
NXP Semiconductors
BYD127 PHILIPS-BYD127 Datasheet
48Kb / 8P
   Ultra fast low-loss rectifier
1999 Nov 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com