Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1100D141C-TR-F Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1100D141C-TR-F
Description  ULTRA SMALL PACKAGE VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1100D141C-TR-F Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1100D141C-TR-F Datasheet HTML 4Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 5Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 6Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 7Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 8Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 9Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 10Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 11Page - RICOH electronics devices division R1100D141C-TR-F Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
R1100D
8
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
R1100D091C
R1100D091C
060
40
20
100
80
Output Current IOUT(mA)
0.0
0.2
0.1
0.4
0.6
0.8
0.3
0.5
0.7
0.9
VIN=1.2V
1.9V
2.4V
5.0V
2.9V
3.4V
6.0V
Topt=25
°C
0
20
80
100
60
40
120
Output Current IOUT(mA)
0.0
0.2
0.1
0.3
0.4
0.5
0.7
0.6
0.8
0.9
Topt=85
°C
25
°C
-40
°C
VIN=2.9V
R1100D301C
R1100D301C
0
150
100
50
200
Output Current IOUT(mA)
0.0
1.0
0.5
1.5
2.0
2.5
3.0
VIN=3.3V
4.0V
5.0V
5.5V
6.0V
Topt=25
°C
0
50
200
150
100
250
Output Current IOUT(mA)
0.0
1.0
0.5
1.5
2.0
2.5
3.0
Topt=85
°C
25
°C
-40
°C
VIN=5.0V
R1100D401C
R1100D401C
0
150
150
100
50
250
Output Current IOUT(mA)
0.0
1.0
0.5
1.5
2.0
3.0
2.5
3.5
4.0
VIN=4.3V
5.0V
5.5V
6.0V
Topt=25
°C
0
50
100
250
200
150
300
Output Current IOUT(mA)
0.0
1.0
0.5
1.5
2.0
3.0
2.5
3.5
4.0
Topt=85
°C
25
°C
-40
°C
VIN=6.0V


Similar Part No. - R1100D141C-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100DXX1C-TR-F NISSHINBO-R1100DXX1C-TR-F Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - R1100D141C-TR-F

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com