Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1111N451A-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1111N451A-TR-FE
Description  LOW NOISE 150mA LDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1111N451A-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1111N451A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 13Page - RICOH electronics devices division R1111N451A-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
R1111N
10
4) Output Voltage vs. Temperature
R1111N181B
R1111N301B
1.90
1.88
1.86
1.80
1.78
1.76
1.74
1.72
1.84
1.82
1.70
Temperature Topt (
°C)
-50
0
25
50
100
75
-25
VIN = 2.8V
IOUT = 30mA
3.10
3.08
3.06
3.00
2.98
2.96
2.94
2.92
3.04
3.02
2.90
Temperature Topt (
°C)
-50
0
25
50
100
75
-25
IOUT = 30mA
VIN = 4.0V
R1111N401B
R1111N501B
4.10
4.08
4.06
4.00
3.98
3.96
3.94
3.92
4.04
4.02
3.90
Temperature Topt (
°C)
-50
0
25
50
100
75
-25
IOUT = 30mA
VIN = 5.0V
5.10
5.08
5.06
5.00
4.98
4.96
4.94
4.92
5.04
5.02
4.90
Temperature Topt (
°C)
-50
0
25
50
100
75
-25
IOUT = 30mA
VIN = 6.0V
5) Supply Current vs. Input Voltage
R1111N181B
R1111N301B
60
50
40
30
20
0
10
Input Voltage VIN (V)
1.0
2.0
4.0
5.0
6.0
7.0
8.0
3.0
Topt = 25
°C
60
50
40
30
20
0
10
Input Voltage VIN (V)
1.0
2.0
4.0
5.0
6.0
7.0
8.0
3.0
Topt = 25
°C


Similar Part No. - R1111N451A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1111N401A RICOH-R1111N401A Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
R1111N401A-TL RICOH-R1111N401A-TL Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
R1111N401A-TR RICOH-R1111N401A-TR Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
R1111N401B RICOH-R1111N401B Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
R1111N401B-TL RICOH-R1111N401B-TL Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results

Similar Description - R1111N451A-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com