Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1111N301B-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1111N301B-TR-FE
Description  LOW NOISE 150mA LDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1111N301B-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1111N301B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1111N301B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
R1111N
6
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt = 25°C
Output Current
IOUT (mA)
Output Voltage
VOUT (V)
Condition
Min.
1.5 ≤ VSET ≤ 1.7
100
1.8 ≤ VSET ≤ 5.0
VIN=V
+
SET 1V
150
Topt = 25°C
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Condition
Min.
Typ.
Max.
1.5
0.5
1.6
0.4
1.7
0.3
1.8 ≤ VSET ≤ 1.9
0.60
1.40
2.0 ≤ VSET ≤ 2.4
0.35
0.70
2.5 ≤ VSET ≤ 2.7
0.24
0.35
2.8 ≤ VSET ≤ 3.3
0.20
0.30
3.4 ≤ VSET ≤ 5.0
IOUT = 100mA
0.17
0.26
OPERATION
R1111Nxx1A
R1111Nxx1B
VDD
15
2
3
VOUT
GND
R2
R1
CE
Current Limit
Vref
VDD
15
2
3
VOUT
GND
R2
R1
CE
Current Limit
Vref
In these ICs, fluctuation of output voltage, VOUT is detected by feed-back registers R1, R2, and the result is
compared with a reference voltage by the error amplifier, so that a constant voltage is output. A current limit
ircuit for protection at short mode and a chip enable circuit, are included.
c


Similar Part No. - R1111N301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1111N301B-TR RICOH-R1111N301B-TR Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results

Similar Description - R1111N301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com