Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1190H020D-T1-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1190H020D-T1-FE
Description  1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1190H020D-T1-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1190H020D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1190H020D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
R1190x
3
PIN CONFIGURATIONS
SOT-89-5
HSOP-6J
TO-252-5-P2
1
3
5
4
2
1
3
6
4
2
5
1
2
3
4
5
PIN DESCRIPTIONS
SOT-89-5
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
DELAY
Delay Pin (for setting Inrush Current Limit Time)
5
VDD
Input Pin
• HSOP-6J
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
DELAY
Delay Pin (for setting Inrush Current Limit Time)
5
GND
Ground Pin
6
VDD
Input Pin
• TO
-252-5-P2
Pin No.
Symbol
Description
1
DELAY
Delay Pin (for setting Inrush Current Limit Time)
2
VDD
Input Pin
3
GND
Ground Pin
4
VOUT
Output Pin
5
CE
Chip Enable Pin ("H" Active)


Similar Part No. - R1190H020D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1190H020-T1-FE NISSHINBO-R1190H020-T1-FE Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
More results

Similar Description - R1190H020D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
logo
Maxim Integrated Produc...
MAX20020EVKIT MAXIM-MAX20020EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
MAX20019EVKIT MAXIM-MAX20019EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1500X NISSHINBO-R1500X Datasheet
2Mb / 27P
   500 mA LDO REGULATOR (Operating Voltage up to 24 V)
logo
Unisonic Technologies
M293010 UTC-M293010 Datasheet
148Kb / 4P
   1A, LOW-DROPOUT, 1.0~16V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com