Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS04NSR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS04NSR
Description  HEX INVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS04NSR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LS04NSR Datasheet HTML 1Page - Texas Instruments SN74LS04NSR Datasheet HTML 2Page - Texas Instruments SN74LS04NSR Datasheet HTML 3Page - Texas Instruments SN74LS04NSR Datasheet HTML 4Page - Texas Instruments SN74LS04NSR Datasheet HTML 5Page - Texas Instruments SN74LS04NSR Datasheet HTML 6Page - Texas Instruments SN74LS04NSR Datasheet HTML 7Page - Texas Instruments SN74LS04NSR Datasheet HTML 8Page - Texas Instruments SN74LS04NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN5404, SN54LS04, SN54S04,
SN7404, SN74LS04, SN74S04
HEX INVERTERS
SDLS029B – DECEMBER 1983 – REVISED FEBRUARY 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN7404N
SN7404N
PDIP – N
Tube
SN74LS04N
SN74LS04N
Tube
SN74S04N
SN74S04N
Tube
SN7404D
7404
Tube
SN74LS04D
LS04
0
°C to 70°C
SOIC – D
Tape and reel
SN74LS04DR
LS04
Tube
SN74S04D
S04
Tape and reel
SN74S04DR
S04
SOP
NS
Tape and reel
SN7404NSR
SN7404
SOP – NS
Tape and reel
SN74LS04NSR
74LS04
SSOP – DB
Tape and reel
SN74LS04DBR
LS04
Tube
SN5404J
SN5404J
Tube
SNJ5404J
SNJ5404J
CDIP
J
Tube
SN54LS04J
SN54LS04J
CDIP – J
Tube
SN54S04J
SN54S04J
Tube
SNJ54LS04J
SNJ54LS04J
–55
°C to 125°C
Tube
SNJ54S04J
SNJ54S04J
Tube
SNJ5404W
SNJ5404W
CFP – W
Tube
SNJ54LS04W
SNJ54LS04W
Tube
SNJ54S04W
SNJ54S04W
LCCC
FK
Tube
SNJ54LS04FK
SNJ54LS04FK
LCCC – FK
Tube
SNJ54S04FK
SNJ54S04FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H


Similar Part No. - SN74LS04NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS04NSR TI-SN74LS04NSR Datasheet
241Kb / 7P
[Old version datasheet]   These devices contain six independent inverters
SN74LS04NSR TI-SN74LS04NSR Datasheet
626Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN74LS04NSR TI1-SN74LS04NSR Datasheet
1Mb / 25P
[Old version datasheet]   HEX INVERTERS
SN74LS04NSRG4 TI-SN74LS04NSRG4 Datasheet
626Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN74LS04NSRG4 TI1-SN74LS04NSRG4 Datasheet
1Mb / 25P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LS04NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com