Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1190H050D-T1-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1190H050D-T1-FE
Description  1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1190H050D-T1-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1190H050D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1190H050D-T1-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
R1190x
6
The specification in
is checked and guaranteed by design engineering at
−40°C ≤ Topt ≤ 85°C.
Output Current by Output Voltage
Load Regulation by Output Voltage
Topt
=25°C
Output Voltage VOUT
Load Regulation
∆VOUT/∆IOUT (mV)
Condition
Typ.
Max.
2.0V
≤ VOUT < 5.0V
VIN
=VOUT+2.3V, 1mA ≤ IOUT ≤ 200mA
20
60
5.0V
≤ VOUT ≤ 12.0V
40
100
2.0V
≤ VOUT < 2.5V
VIN
=VOUT+2.3V, 1mA ≤ IOUT ≤ 600mA
80
180
2.5V
≤ VOUT < 3.3V
VIN
=VOUT+2.3V, 1mA ≤ IOUT ≤ 700mA
90
200
3.3V
≤ VOUT < 5.0V
VIN
=VOUT+2.3V, 1mA ≤ IOUT ≤ 1A
120
230
5.0V
≤ VOUT ≤ 12.0V
130
250
Dropout Voltage by Output Voltage
Topt
=25°C
Output Voltage
VOUT
Dropout Voltage VDIF (V)
Condition
Typ.
Max.
Condition
Typ.
Max.
2.0V
IOUT
=200mA
1.5
IOUT
=600mA
1.6
2.2
2.1V
1.4
2.2V
1.3
2.3V
1.2
2.4V
1.1
2.5V
1.0
IOUT
=700mA
1.5
2.15
2.6V
0.9
2.7V
0.8
2.8V
≤ VOUT < 3.1V
0.7
3.1V
≤ VOUT < 3.3V
0.4
0.7
3.3V
≤ VOUT < 4.0V
0.3
0.53
IOUT
=1A
1.6
2.3
4.0V
≤ VOUT < 5.0V
0.25
0.42
1.4
2.1
5.0V
≤ VOUT < 9.0V
0.19
0.31
1.1
1.85
9.0V
≤ VOUT ≤ 12.0V
0.1
0.18
0.8
1.30
All of units are tested and specified under pulse load conditions such that TjTopt
=25°C except for Ripple
Rejection, Output Voltage Temperature Coefficient, Thermal Shutdown, Load Regulation at 600mA (2.0V
≤ VOUT
< 2.5V) and at 700mA (2.5V
≤ VOUT < 3.3V) and at 1000mA (3.3V ≤ VOUT ≤ 12.0V), Dropout Voltage at 600mA
(2.0V
≤ VOUT < 2.5V) and at 700mA (2.5V ≤ VOUT < 3.3V) and at 1000mA (3.3V ≤ VOUT ≤ 12.0V).
Output Voltage VOUT
Output Current ILIM (mA)
Condition
Min.
2.0V
≤ VOUT < 2.5V
VIN
=VOUT+2.3V
600
2.5V
≤ VOUT < 3.3V
700
3.3V
≤ VOUT ≤ 12.0V
1000


Similar Part No. - R1190H050D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1190H020-T1-FE NISSHINBO-R1190H020-T1-FE Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
More results

Similar Description - R1190H050D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
logo
Maxim Integrated Produc...
MAX20020EVKIT MAXIM-MAX20020EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
MAX20019EVKIT MAXIM-MAX20019EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1500X NISSHINBO-R1500X Datasheet
2Mb / 27P
   500 mA LDO REGULATOR (Operating Voltage up to 24 V)
logo
Unisonic Technologies
M293010 UTC-M293010 Datasheet
148Kb / 4P
   1A, LOW-DROPOUT, 1.0~16V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com