Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS851 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPS851
Description  TOSHIBA Photo IC Silicon Epitaxial Planar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS851 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPS851 Datasheet HTML 1Page - Toshiba Semiconductor TPS851 Datasheet HTML 2Page - Toshiba Semiconductor TPS851 Datasheet HTML 3Page - Toshiba Semiconductor TPS851 Datasheet HTML 4Page - Toshiba Semiconductor TPS851 Datasheet HTML 5Page - Toshiba Semiconductor TPS851 Datasheet HTML 6Page - Toshiba Semiconductor TPS851 Datasheet HTML 7Page - Toshiba Semiconductor TPS851 Datasheet HTML 8Page - Toshiba Semiconductor TPS851 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPS851
2002-04-17
2
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
2.2
¾
5.5
V
Electrical and Optical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply current
ICC
VCC = 3 V, EV = 1000 lx
RL = 1 kW
(Note 2)
¾
620
¾
mA
Light current (1)
IL (1)
VCC = 3 V, EV = 100 lx
(Note 2), (Note 4)
¾
62
¾
mA
Light current (2)
IL (2)
VCC = 3 V, EV = 10 lx
(Note 3), (Note 4)
3.7
¾
7.4
mA
Light current (3)
IL (3)
VCC = 3 V, EV = 100 lx
(Note 3), (Note 4)
37
¾
74
mA
Light current ratio
(3)
L
I
(1)
L
I
¾
¾
1.2
1.7
Dark current
ILEAK
VCC = 3.3 V, EV = 0
¾
¾
0.17
mA
Saturation output voltage
VO
VCC = 3 V, RL = 150 kW, EV = 100 lx
(Note 3)
2.2
2.35
¾
V
Peak sensitivity wavelength
lp
¾
¾
600
¾
nm
Rise time
tr
¾
0.07
1
Switching time
Fall time
tf
VCC = 3 V, RL = 5 kW
(Note 5)
¾
0.4
2
ms
Note 2: CIE standard A light source is used (color temperature
= 2856K, approximated incandescence light).
Note 3: Fluorescence light is used as light source. However, white LED is substituted in a mass-production process.
IL classification IL (3) ® A: 37 mA to 62 mA, B: 44 mA to 74 mA
Note 4: Light current measurement circuit
Note 5: Rise time/fall time time measurement method
A
OUT
VCC
IL
TPS851
Light
source
OUT
VCC
White LED
Pulse drive
TPS851
RL
tf
tr
IF
1.5 V
VOUT
GND
90%
10%


Similar Part No. - TPS851

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS851 TOSHIBA-TPS851 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
More results

Similar Description - TPS851

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS819 TOSHIBA-TPS819 Datasheet
169Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS859 TOSHIBA-TPS859 Datasheet
283Kb / 13P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS818 TOSHIBA-TPS818 Datasheet
128Kb / 5P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS806 TOSHIBA-TPS806 Datasheet
237Kb / 5P
   TOSHIBA PHOTO IC SILICON EPITAXIAL PLANAR
TPS853 TOSHIBA-TPS853 Datasheet
176Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS812 TOSHIBA-TPS812 Datasheet
270Kb / 5P
   TOSHIBA PHOTO IC SILICON EXITAXIAL PLANAR
TPS813 TOSHIBA-TPS813 Datasheet
271Kb / 5P
   PHOTO IC SILICON EPITAXIAL PLANAR
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
   Photo-IC Silicon Epitaxial Planar
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
   TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com