Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK38AFL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK38AFL
Description  For Surface Mount Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK38AFL Datasheet(HTML) 1 Page - Micro Commercial Components

  SK38AFL Datasheet HTML 1Page - Micro Commercial Components SK38AFL Datasheet HTML 2Page - Micro Commercial Components SK38AFL Datasheet HTML 3Page - Micro Commercial Components SK38AFL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK32AFL
THRU
SK310AFL
3 Amp Schottky
Rectifier
20 to 100 Volts
Features
For Surface Mount Applications
Extremely Low Thermal Resistance
Easy Pick And Place
Operating Temperature: -50
°C to +125°C
Storage Temperature: -50
°C to +150°C
Maximum Thermal Resistance; 10
°C/W Junction To Lead
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK32AFL
SK32A
20V
14V
20V
SK33AFL
SK33A
30V
21V
30V
SK34AFL
SK34A
40V
28V
40V
SK35AFL
SK35A
50V
35V
50V
SK36AFL
SK36A
60V
42V
60V
SK38AFL
SK38A
80V
56V
80V
SK310AFL
SK310A
100V
70V
100V
        
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 125
°C
Peak Forward Surge
Current
IFSM
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
.5mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
Measured at
1.0MHz, VR=4.0V
Maximum
Instantaneous
Forward Voltage
SK32AFL-34AFL
SK35AFL-36AFL
SK38AFL-310AFL
VF
.50V
.75V
.85V
IFM = 3.0A;
TJ = 25
°C*
High Current Capability With Low Forward Voltage





 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
F
2015/08/18
www.mccsemi.com
1 of 4
80A
8.3ms, half sine
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Maximum Ratings
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
DO-221AC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.035
.047
0.90
1.20
b
.049
.065
1.25
1.65
C
.004
.016
0.10
0.40
D
.089
.116
2.25
2.95
E
.173
.220
4.40
5.60
E1
.126
.181
3.20
4.60
L
.028
.059
0.70
1.50
SUGGESTED SOLDER
PAD LAYOUT
(SMA-FL)
Halogen free available upon request by adding suffix "-HF"





Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
CJ
180pF
150pF
110pF
SK32AFL-34AFL
SK35AFL-36AFL
SK38AFL-310AFL
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
Micro Commercial Components
M C C
TM


Similar Part No. - SK38AFL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK38AFL MCC-SK38AFL Datasheet
297Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK38AFL

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SOD4001 DEC-SOD4001 Datasheet
751Kb / 2P
   For surface mount applications
logo
Fairchild Semiconductor
KSH127 FAIRCHILD-KSH127 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
KSH117I FAIRCHILD-KSH117I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH210 FAIRCHILD-KSH210 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
KSH112TM FAIRCHILD-KSH112TM Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
MJD112 FAIRCHILD-MJD112 Datasheet
51Kb / 5P
   D-PAK for Surface Mount Applications
KSH122I FAIRCHILD-KSH122I Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
KSH122 FAIRCHILD-KSH122 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
KSH200 FAIRCHILD-KSH200 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com