Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AMR3001 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part No. AMR3001
Description  AMR Angle Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

AMR3001 Datasheet(HTML) 2 Page - American Electronic Components, inc

  AMR3001 Datasheet HTML 1Page - American Electronic Components, inc AMR3001 Datasheet HTML 2Page - American Electronic Components, inc AMR3001 Datasheet HTML 3Page - American Electronic Components, inc AMR3001 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMRAngle Sensor
AMR3001
Multidimension Technology co. Ltd.
2 of 4
www.dowaytech.com
MDT AMR3001
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R.China
Ver. A
Pin Out
Pin No.
Pin Name
Pin Function
1
VccX
Supply Voltage(direction X)
2
VccY
Supply Voltage(direction Y)
3
Y+
Analog Differential Output1
(direction Y)
4
X+
Analog Differential Output1
(direction X)
5
GNDX
Ground(direction X)
6
GNDY
Ground(direction Y)
7
Y-
Analog Differential Output2
(direction Y)
8
X-
Analog Differential Output2
(direction X)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Limit
Unit
Supply Voltage
VCC
TJ=25℃
18
V
External magnetic field strength
Hext
TJ=25℃
4000
Oe
ESD Voltage
VESD
8
kV
Storage Temperature
Tstg
-40~150
ºC
Specification (Differential Output)
Electrical Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
5
18
V
Applied Magnetic Field
B
Operating
100
400
Oe
Resistance one bridge
Rbridge
TJ=25℃,B=0 GS
1600
ohm
Temperature coefficient of
Resistance
TCR
TJ=-40℃~125℃
1500
PPM/ºc
Offset Voltage
Voffset
TJ=25℃
-1
1
mV/V
Temperature coefficient of
offset voltage
TCO
In range:40℃~125℃
0.04
mV/V
Peak voltage
Vpeak
TJ=25℃
7.5
mV/V
Temperature coefficient of
Peak voltage
TCVpeak
TJ=-40℃~125℃
-4000
PPM/ºc
Angular inaccuracy
Δα
0~180°,TJ=25℃
+/-0.4
º


Similar Part No. - AMR3001

ManufacturerPart No.DatasheetDescription
SunLED Corporation
SunLED Corporation
AMR30A SUNLED-AMR30A Datasheet
209Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AMR30C SUNLED-AMR30C Datasheet
209Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results

Similar Description - AMR3001

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
IC-Haus GmbH
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
TE Connectivity Ltd
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
Analog Devices
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
   Integrated AMR Angle Sensor and Signal Conditioner
TE Connectivity Ltd
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
IC-Haus GmbH
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
TE Connectivity Ltd
TE Connectivity Ltd
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
Analog Devices
Analog Devices
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
   Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz