Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16132 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16132
Description  Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16132 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16132 Datasheet HTML 1Page - Maxim Integrated Products MAX16132 Datasheet HTML 2Page - Maxim Integrated Products MAX16132 Datasheet HTML 3Page - Maxim Integrated Products MAX16132 Datasheet HTML 4Page - Maxim Integrated Products MAX16132 Datasheet HTML 5Page - Maxim Integrated Products MAX16132 Datasheet HTML 6Page - Maxim Integrated Products MAX16132 Datasheet HTML 7Page - Maxim Integrated Products MAX16132 Datasheet HTML 8Page - Maxim Integrated Products MAX16132 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX16132–MAX16135 are low-voltage, ±1% accurate,
single, dual, triple, and quad-voltage μP supervisors that
monitor up to 4 system-supply voltages for undervoltage
and overvoltage faults. The MAX16132–MAX16134 feature
independent reset outputs, while the MAX16135 features
dual reset outputs. For the MAX16132–MAX16134, a
reset output asserts when the voltage at its corresponding
input falls outside a factory-trimmed undervoltage and
overvoltage window threshold. The reset is maintained
for a minimum timeout period after voltage at the input
falls within the factory-set window threshold. For the
MAX16135, a reset output asserts when either, or both, of
the corresponding inputs fall outside the factory-trimmed
undervoltage and overvoltage window thresholds. See
Selector Guide for available options. These integrated
supervisory circuits significantly improve system reliability
and reduce size compared to separate ICs or discrete
components.
The MAX16132–MAX16135 are fixed-threshold devices.
The nominal input voltage for any input is factory
programmable from 0.5 to 5.0V, providing a wide range
of threshold selections. The window threshold levels are
factory programmable from ±4% to ±11%, with ±1%
resolution and 0.25% or 0.50% hysteresis. The ±1%
threshold accuracy over temperature and window threshold
monitoring make these devices ideal for automotive
ADAS applications.
The reset outputs are active-low, open-drain, and are
guaranteed to be in the correct reset output logic state
when VDD remains greater than 1.0V. All devices are
offered with 23 reset timeout periods ranging from 20µs
(min) to 1200ms (min). All reset outputs share the same
factory-set reset timeout period.
The MAX16132–MAX16135 are available in a small 8-pin
SOT23 package and specified over the automotive
temperature range of -40°C to +125°C.
Applications
● ADAS
● Multivoltage ASICs
● Storage Equipment
● Servers
Ordering Information appears at end of data sheet.
19-8708; Rev 0; 11/16
Benefits and Features
● High Precision
• ±1% Threshold Accuracy Over Temperature
● Programmable OV Threshold: 104% to 111%
● Programmable UV Threshold: 89% to 96%
● Programmable Input Voltage from 0.5V to 5.0V
● Low 15µA Supply Current
● Quad-Input Monitor
● 23 Programmable Reset Timeout Periods
● Immune to Short Monitored Supply Transients
● Guaranteed Correct Logic State Down to VDD = 1V
● Open-Drain Outputs
● Small SOT-23 Package
● -40°C to +125°C Automotive Operating Temperature
Range
MAX16132–MAX16135
Low-Voltage, Precision, Single/Dual/Triple/
Quad-Voltage μP Supervisors
EVALUATION KIT AVAILABLE


Similar Part No. - MAX16132

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613600/VY+T MAXIM-MAX1613600/VY+T Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613601/VY+T*+T* MAXIM-MAX1613601/VY+T* Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613602/VY+T*+T* MAXIM-MAX1613602/VY+T* Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX16137 MAXIM-MAX16137 Datasheet
653Kb / 22P
   1% Accuracy Single-Window Voltage Monitor with BIST
Rev 0; 2/21
More results

Similar Description - MAX16132

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
logo
STMicroelectronics
STM6720SVWB6F STMICROELECTRONICS-STM6720SVWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6718SFWY6F STMICROELECTRONICS-STM6718SFWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com