Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16133 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16133
Description  Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16133 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16133 Datasheet HTML 2Page - Maxim Integrated Products MAX16133 Datasheet HTML 3Page - Maxim Integrated Products MAX16133 Datasheet HTML 4Page - Maxim Integrated Products MAX16133 Datasheet HTML 5Page - Maxim Integrated Products MAX16133 Datasheet HTML 6Page - Maxim Integrated Products MAX16133 Datasheet HTML 7Page - Maxim Integrated Products MAX16133 Datasheet HTML 8Page - Maxim Integrated Products MAX16133 Datasheet HTML 9Page - Maxim Integrated Products MAX16133 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
( VDD = 1.71V to 5.5V, TA = TA = TJ = -40°C to +125°C. Typical values are at TA = +25°C, unless otherwise noted. (Note2))
Note 2: Devices are tested at TA = +25°C and guaranteed by design for TA = -40°C to +125°C.
Note 3: The sum of nominal input voltage, tolerance percentage, and threshold accuracy percentage must not exceed 5.5V
Note 4: Contact factory for the desired option.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
Nominal Input Voltage
Programming Range
VIN_NOM
(Note 3)
0.5
5.0
V
Tolerance Programming Range
TOL
Reset occurs when VIN_NOM falls
outside of VIN_NOM x (1 ± TOL%)
4
11
%
Tolerance Programming Resolution
TOLRES
1
%VIN_NOM
Undervoltage/Overvoltage Threshold
Hysteresis
(Note 4)
0.25
%VIN_NOM
(Note 4)
0.50
Undervoltage Threshold Accuracy
VUV_TH_AC
VIN_NOM falling,
VUV_TH = VIN_NOM x (1 - TOL%)
-1
VUV_TH
+1
%
Overvoltage Threshold Accuracy
OVTH_AC
VIN_NOM rising,
VOV_TH = VIN_NOM x (1 + TOL%)
-1
VOV_
TH
+1
%
IN_ Input Current
IIN_
VIN_ = VIN_NOM
1.30
2
μA
RESET OUTPUTS (Note 4)
Reset Output Voltage Low
VOL
VDD = 5V, ISINK = 3mA, RESET_
asserted,
0.1
0.3
V
VDD = 1V, ISINK = 8μA,
RESET_asserted
0.1
0.3
Reset Output Leakage Current
VRESET_ = 5.5V, TA = +25°C
0.001
μA
VRESET_ = 5.5V, TA = +125°C
0.01
1
Reset Timeout Period
tRP
-40
tRP
+30
%
IN_ to RESET_Propagation Delay
tD
(VTH_UV + 1%) to (VTH_UV - 1%)
15
μs
(VOV_TH - 1%) to (VOV_TH + 1%)
15
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 6
MAX16132–MAX16135
Low-Voltage, Precision, Single/Dual/Triple/
Quad-Voltage μP Supervisors


Similar Part No. - MAX16133

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613600/VY+T MAXIM-MAX1613600/VY+T Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613601/VY+T*+T* MAXIM-MAX1613601/VY+T* Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX1613602/VY+T*+T* MAXIM-MAX1613602/VY+T* Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
MAX16137 MAXIM-MAX16137 Datasheet
653Kb / 22P
   1% Accuracy Single-Window Voltage Monitor with BIST
Rev 0; 2/21
More results

Similar Description - MAX16133

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
logo
STMicroelectronics
STM6720SVWB6F STMICROELECTRONICS-STM6720SVWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6718SFWY6F STMICROELECTRONICS-STM6718SFWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com