Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP280A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 15KP280A
Description  Low incremental surge resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

15KP280A Datasheet(HTML) 2 Page - Micro Commercial Components

  15KP280A Datasheet HTML 1Page - Micro Commercial Components 15KP280A Datasheet HTML 2Page - Micro Commercial Components 15KP280A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15KP17(C)A THRU 15KP280(C)A
ELECTRICAL CHARACTERISTICS @25 C
Revision: C
2013/07/18
MCC
TM
Micro Commercial Components
REVERSE
STAND- OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE VBR
MIN. @IT
BREAKDOWN
VOLTAGE VBR
MAX. @IT
TEST
CURRENT IT
(mA)
PEAK
PULSE
CURRENT
Ipp
MAXIMUM
REVERSE
LEAKAGE IR
@ VRWM
CLAMPING
VOLTAGE VC
@IPP
UNI-POLAR
BI-POLAR
VV
V
mA
A
µ A
V
15KP17A
15KP17CA
17
18.9
20.79
50
512
5000
29.3
15KP18A
15KP18CA
18
20.0
22.01
50
485
5000
30.9
15KP20A
15KP20CA
20
22.2
24.46
20
437
1500
34.3
15KP22A
15KP22CA
22
24.4
26.91
10
404
500
37.1
15KP24A
15KP24CA
24
26.7
29.35
5
369
150
40.5
15KP26A
15KP26CA
26
28.9
31.8
5
347
50
44
15KP28A
15KP28CA
28
31.1
34.24
5
316
25
47.5
15KP30A
15KP30CA
30
33.3
36.69
5
296
15
50.7
15KP33A
15KP33CA
33
36.7
40.4
5
274
10
54.8
15KP36A
15KP36CA
36
40.0
44
5
251
10
59.7
15KP40A
15KP40CA
40
44.4
48.9
5
228
10
65.8
15KP43A
15KP43CA
43
47.8
52.6
5
215
10
69.7
15KP45A
15KP45CA
45
50.0
55
5
205
10
73
15KP48A
15KP48CA
48
53.3
58.7
5
193
10
77.7
15KP51A
15KP51CA
51
56.7
62.4
5
181
10
82.8
15KP54A
15KP54CA
54
60.0
66
5
171
10
87.5
15KP58A
15KP58CA
58
64.4
70.9
5
160
10
94
15KP60A
15KP60CA
60
66.7
73.4
5
154
10
97.3
15KP64A
15KP64CA
64
71.1
78.3
5
144
10
104
15KP70A
15KP70CA
70
77.8
85.6
5
132
10
114
15KP75A
15KP75CA
75
83.3
91.7
5
123
10
122
15KP78A
15KP78CA
78
86.7
95.4
5
119
10
126
15KP85A
15KP85CA
85
94.4
104
5
109
10
137
15KP90A
15KP90CA
90
100.0
110.1
5
103
10
146
15KP100A
15KP100CA
100
111.0
122.3
5
93
10
162
15KP110A
15KP110CA
110
122.0
134.5
5
84
10
178
15KP120A
15KP120CA
120
133.0
146.8
5
78
10
193
15KP130A
15KP130CA
130
144.0
159
5
72
10
209
15KP150A
15KP150CA
150
167.0
183.5
5
62
10
243
15KP160A
15KP160CA
160
178.0
195.7
5
58
10
259
15KP170A
15KP170CA
170
189.0
207.9
5
55
10
275
15KP180A
15KP180CA
180
200.0
220.1
5
52
10
291
15KP200A
15KP200CA
200
222.0
244.6
5
47
10
322
15KP220A
15KP220CA
220
245.0
269.1
5
42
10
356
15KP240A
15KP240CA
240
267.0
293.5
5
39
10
388
15KP260A
15KP260CA
260
289.0
318
5
36
10
419
15KP280A
15KP280CA
280
311.0
342.4
5
33
10
452
For bi-directional type having VRWM of 30 volts and less , the IR limit is double.
For parts without A , the VBR is ± 10%.
MCC
PART
NUMBER
www.mccsemi.com
2 of 3


Similar Part No. - 15KP280A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KP280A MICROSEMI-15KP280A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Shanghai Yint Electroni...
15KP280A YINT-15KP280A Datasheet
844Kb / 5P
   15KP Transient Voltage Suppressor Diode Series
logo
Littelfuse
15KP280A LITTELFUSE-15KP280A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
15KP280A LEIDITECH-15KP280A Datasheet
653Kb / 5P
   15KW Transient Voltage Suppressor
logo
Protek Devices
15KP280A PROTEC-15KP280A Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results

Similar Description - 15KP280A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
5KP NJSEMI-5KP Datasheet
216Kb / 4P
   Low incremental surge resistance
logo
KOA Speer Electronics, ...
HPC2C471K KOA-HPC2C471K Datasheet
230Kb / 2P
   RESISTANCE TO POWER SURGE
logo
Advanced Power Electron...
AP0903GH-HF A-POWER-AP0903GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
AP0903GM-HF A-POWER-AP0903GM-HF_14 Datasheet
100Kb / 4P
   Low On-resistance
AP9960GM-HF A-POWER-AP9960GM-HF_14 Datasheet
74Kb / 6P
   Low On-Resistance
AP60N03GH A-POWER-AP60N03GH_14 Datasheet
67Kb / 4P
   Low On-Resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Advanced Power Electron...
AP4436GM A-POWER-AP4436GM_14 Datasheet
183Kb / 5P
   Low on-resistance
AP6680AGM-HF A-POWER-AP6680AGM-HF_14 Datasheet
99Kb / 4P
   Low On-Resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com