Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # DG418
Description  Precision CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG418 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  DG418 Datasheet HTML 1Page - TEMIC Semiconductors DG418 Datasheet HTML 2Page - TEMIC Semiconductors DG418 Datasheet HTML 3Page - TEMIC Semiconductors DG418 Datasheet HTML 4Page - TEMIC Semiconductors DG418 Datasheet HTML 5Page - TEMIC Semiconductors DG418 Datasheet HTML 6Page - TEMIC Semiconductors DG418 Datasheet HTML 7Page - TEMIC Semiconductors DG418 Datasheet HTML 8Page - TEMIC Semiconductors DG418 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DG417/418/419
Siliconix
S-52880—Rev. D, 28-Apr-97
3
Specificationsa
Test Conditions
Unless Otherwise Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
–15
15
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = "12.5 V
V+ = 13.5 V, V– = –13.5 V
Room
Full
20
35
45
35
45
W
IS(off)
V+
16 5 V V
16 5 V
Room
Full
–0.1
–0.25
–20
0.25
20
–0.25
–5
0.25
5
Switch Off
Leakage Current
ID(off)
V+ = 16.5 V, V– = –16.5 V
VD = #15.5 V
VS = "15.5 V
DG417
DG418
Room
Full
–0.1
–0.25
–20
0.25
20
–0.25
–5
0.25
5
ID(off)
VS
"15.5 V
DG419
Room
Full
–0.1
–0.75
–60
0.75
60
–0.75
–12
0.75
12
nA
Channel On
Lk
C
ID(on)
V+ = 16.5 V, V– = –16.5 V
VV
15 5 V
DG417
DG418
Room
Full
–0.4
–0.4
–40
0.4
40
–0.4
–10
0.4
10
Leakage Current
ID(on)
,
VS = VD = "15.5 V
DG419
Room
Full
–0.4
–0.75
–60
0.75
60
–0.75
–12
0.75
12
Digital Control
Input Current
VIN Low
IIL
Full
0.005
–0.5
0.5
–0.5
0.5
mA
Input Current
VIN High
IIH
Full
0.005
–0.5
0.5
–0.5
0.5
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF
VS = "10 V
DG417
DG418
Room
Full
100
175
250
175
250
Turn-Off Time
tOFF
S
See Switching Time
Test Circuit
DG417
DG418
Room
Full
60
145
210
145
210
Transition Time
tTRANS
RL = 300 W, CL = 35 pF
VS1 = "10 V
VS2 = #10 V
DG419
Room
Full
175
250
175
250
ns
Break-Before-Make
Time Delay
tD
RL = 300 W, CL = 35 pF
VS1 = VS2 = "10 V
DG419
Room
13
5
5
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 W
Room
60
pC
Source Off
Capacitance
CS(off)
f = 1 MHz VS =0V
Room
8
Drain Off Capacitance
CD(off)
f = 1 MHz, VS = 0 V
DG417
DG418
Room
8
pF
Channel On
Capacitance
CD(on)
f = 1 MHz, VS = 0 V
DG417
DG418
Room
30
p
Capacitance
,
S
DG419
Room
35
Power Supplies
Positive Supply
Current
I+
Room
Full
0.001
1
5
1
5
Negative Supply
Current
I–
V+ = 16.5 V, V– = –16.5 V
Room
Full
–0.001
–1
–5
–1
–5
A
Logic Supply Current
IL
V+ = 16.5 V, V– = –16.5 V
VIN = 0 or 5 V
Room
Full
0.001
1
5
1
5
mA
Ground Current
IGND
Room
Full
–0.000
1
–1
–5
–1
–5


Similar Part No. - DG418

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG418 MAXIM-DG418 Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG418 VISHAY-DG418 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG418 VISHAY-DG418 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
DG418AK MAXIM-DG418AK Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG418B VISHAY-DG418B Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
More results

Similar Description - DG418

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com