Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5324K025-TR Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R5324K025-TR
Description  Supply Current Typ. 90uA (VR1, VR2, VR3)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324K025-TR Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R5324K025-TR Datasheet HTML 6Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 7Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 8Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 9Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 10Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 11Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 12Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 13Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
R5324x
10
TYPICAL APPLICATION
C1
R5324x
Series
VDD
VOUT1
CE3
GND
IOUT1
C4
C3
C2
IOUT2
IOUT3
CE1
VOUT2
CE2
VOUT3
(External Components)
Output Capacitor :
Ceramic
1.0
μF or more
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2, C3 and C4 with 1.0
μF or more.
If a tantalum capacitor is used, and its ESR (Equivalent Series Resistance) of C2, C3 and C4 is large, the loop
oscillation may result. Because of this, select C2, C3 and C4 carefully considering its frequency characteristics.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0
μF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, C3 and C4 as close as possible to the ICs, and
make wiring as short as possible.
*R5324D (SON-8) is the discontinued product. As of March in 2015.


Similar Part No. - R5324K025-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A-TR RICOH-R5324D001A-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
More results

Similar Description - R5324K025-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com