Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5112x071B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5112x071B
Description  Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5112x071B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5112x071B Datasheet HTML 1Page - RICOH electronics devices division R5112x071B Datasheet HTML 2Page - RICOH electronics devices division R5112x071B Datasheet HTML 3Page - RICOH electronics devices division R5112x071B Datasheet HTML 4Page - RICOH electronics devices division R5112x071B Datasheet HTML 5Page - RICOH electronics devices division R5112x071B Datasheet HTML 6Page - RICOH electronics devices division R5112x071B Datasheet HTML 7Page - RICOH electronics devices division R5112x071B Datasheet HTML 8Page - RICOH electronics devices division R5112x071B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
R5112S
NO.EA-406-160420
4
PIN DESCRIPTIONS
HSOP-8E
Top View
Bottom View
5
8
6
4
2
1
3
8
6
5
7
1
3
4
2
7
(1)
1
HSOP-8E (R5112SxxxB/D)
Pin No.
Symbol
Description
1
VDD
Input Pin
2
CE
Chip Enable Pin (Active-high)
3
NC
No Connection
4
DOUT(2)
VD Output Pin (Nch Open Drain)
5
CD
Pin for setting VD Release Output Delay Time (power-on reset time)
6
SENSE
VD Voltage SENSE Pin (R5112SxxxB)
NC
No Connection (R5112SxxxD)
7
GND
Ground Pin
8
VOUT
Output Pin
(1) The tab on the bottom of the package enhances thermal performance and is electrically connected to GND (substrate
level). The tab is recommended to connect to the ground plane on the board. Otherwise it may be left floating.
(2) DOUT pin should be pulled-up to an external voltage level.


Similar Part No. - R5112x071B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R5110110 POWEREX-R5110110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110115 POWEREX-R5110115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110210 POWEREX-R5110210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110215 POWEREX-R5110215 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110310 POWEREX-R5110310 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5112x071B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
   5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G_07 Datasheet
536Kb / 14P
   Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
logo
Texas Instruments
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com