Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5324D015-TR-F Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5324D015-TR-F
Description  Supply Current Typ. 90uA (VR1, VR2, VR3)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324D015-TR-F Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5324D015-TR-F Datasheet HTML 1Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 2Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 3Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 4Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 5Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 6Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 7Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 8Page - RICOH electronics devices division R5324D015-TR-F Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R5324x SERIES
TRIPLE LDO
NO. EA-099-140530
1
OUTLINE
The R5324x Series are CMOS-based multi positive voltage regulator ICs with high output voltage accuracy,
low supply current, low noise, low dropout and high ripple rejection. The R5324x Series contain three voltage
regulators. Each of these voltage regulators in the R5324x Series consists of a voltage reference unit, an error
amplifier, resistors for setting output voltage, a short current limit circuit, a chip enable circuit, and so on.
The chip enable function contributes to prolong battery life. Further, regulators in the R5324x Series are with
low dropout voltage, excellent load transient response and line transient response, thus the R5324x series are
very suitable for the power supply for hand-held communication equipment.
Since the packages for these ICs are SON-8 and DFN(PLP)2527-10, high density mounting of the ICs on
boards is possible.
FEATURES
• Supply Current .................................................................. Typ. 90μA (VR1, VR2, VR3)
• Standby Current ................................................................ Typ. 0.1μA
• Output Current .................................................................. Min. 200mA (VR1), 150mA (VR2), 100mA (VR3)
• Dropout Voltage ................................................................ Typ. 0.23V (VR1) (IOUT=200mA, VOUT=2.8V)
Typ. 0.22V (VR2) (IOUT
=150mA, VOUT=2.8V)
Typ. 0.15V (VR3) (IOUT
=100mA, VOUT=2.8V)
• Ripple Rejection................................................................ Typ. 70dB (f=1kHz), Typ. 65dB (f=10kHz)
• Input Voltage Range ......................................................... 2.0V to 6.0V
• Output Voltage Range....................................................... 1.5V to 4.0V (0.1V steps)
(For details, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy...................................................±2.0%
• Temperature-Drift Coefficient of Output Voltage ............... Typ. ±100ppm/°C
• Line Regulation ................................................................. Typ.0.02%/V
• Packages ......................................................................... DFN(PLP)2527-10, SON-8
• Built-in fold-back protection circuit .................................... Typ.50mA (VR1), Typ.40mA (VR2, VR3)
(Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .....1.0μF or more
APPLICATIONS
• Power source for cellular phones and portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs.
• Power source for battery-powered equipment.
*R5324D (SON-8) is the discontinued product. As of March in 2015.


Similar Part No. - R5324D015-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D001A RICOH-R5324D001A Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A-TR RICOH-R5324D001A-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001B RICOH-R5324D001B Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001B RICOH-R5324D001B Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
More results

Similar Description - R5324D015-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com