Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RL40AA-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RN5RL40AA-TR-FE
Description  Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RL40AA-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RN5RL40AA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RN5RL40AA-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Rx5RL
ELECTRICAL CHARACTEISTICS BY OUTPUT VOLTAGE
VIN
VOUT
=2.0V
25
35
30
45
1mA
IOUT
≤35mA
VIN
VOUT
=2.0V
35
50
40
60
1mA
IOUT
≤50mA
VIN
VOUT
=2.0V
45
65
50
70
1mA
IOUT
≤65mA
VIN
VOUT
=2.0V
55
80
60
90
1mA
IOUT
≤80mA
Rx5RL20A
1.950
2.000
2.050
Rx5RL21A
2.048
2.100
2.152
Rx5RL22A
2.145
2.200
2.255
Rx5RL23A
2.243
2.300
2.357
Rx5RL24A
2.340
2.400
2.460
Rx5RL25A
2.438
2.500
2.562
Rx5RL26A
2.535
2.600
2.665
Rx5RL27A
2.633
2.700
2.767
Rx5RL28A
2.730
2.800
2.870
Rx5RL29A
2.828
2.900
2.972
Rx5RL30A
2.925
3.000
3.075
Rx5RL31A
3.023
3.100
3.177
Rx5RL32A
3.120
3.200
3.280
Rx5RL33A
3.218
3.300
3.382
Rx5RL34A
3.315
3.400
3.485
Rx5RL35A
3.413
3.500
3.587
Rx5RL36A
3.510
3.600
3.690
Rx5RL37A
3.608
3.700
3.792
Rx5RL38A
3.705
3.800
3.895
Rx5RL39A
3.803
3.900
3.997
Rx5RL40A
3.900
4.000
4.100
Rx5RL41A
3.998
4.100
4.202
Rx5RL42A
4.095
4.200
4.305
Rx5RL43A
4.193
4.300
4.407
Rx5RL44A
4.290
4.400
4.510
Rx5RL45A
4.388
4.500
4.612
Rx5RL46A
4.485
4.600
4.715
Rx5RL47A
4.583
4.700
4.817
Rx5RL48A
4.680
4.800
4.920
Rx5RL49A
4.778
4.900
5.022
Rx5RL50A
4.875
5.000
5.125
Rx5RL51A
4.973
5.100
5.227
Rx5RL52A
5.070
5.200
5.330
Rx5RL53A
5.168
5.300
5.432
Rx5RL54A
5.265
5.400
5.535
Rx5RL55A
5.363
5.500
5.637
Rx5RL56A
5.460
5.600
5.740
Rx5RL57A
5.558
5.700
5.842
Rx5RL58A
5.655
5.800
5.945
Rx5RL59A
5.753
5.900
6.047
Rx5RL60A
5.850
6.000
6.150
Output Voltage
OutputCurrent
Load Regulation
Part Number
VOUT(V)
IOUT(mA)
VOUT(mV)
Conditions
Min.
Typ.
Max.
Conditions
Min.
Typ.
Conditions
Typ.
Max.
VIN
VOUT
=2.0V
10µA
IOUT
≤10mA
VIN
VOUT
=2.0V
60
90
50
75
40
60
35
53
30
45
IOUT
=1mA
25
38
Dropout Voltage
VDIF (mV)
Conditions
Typ.
Max.


Similar Part No. - RN5RL40AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RL40AA-TR RICOH-RN5RL40AA-TR Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
More results

Similar Description - RN5RL40AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Microchip Technology
AN1025 MICROCHIP-AN1025 Datasheet
527Kb / 8P
   Converting A 5.0V Supply Rail To A Regulated 3.0V
2006
logo
RICOH electronics devic...
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
RICOH electronics devic...
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com