Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RZ30AA-TR-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RN5RZ30AA-TR-FE
Description  Supply Current Typ. 20uA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RZ30AA-TR-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  RN5RZ30AA-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RN5RZ30AA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rx5RZ
2
BLOCK DIAGRAMS
RN5RZxxAA
RN5RZxxBA
2
5
1
VOUT
GND
VDD
CE
Vref
3
Current Limit
+
2
5
1
VOUT
GND
VDD
CE
+
Vref
3
Current Limit
RH5RZxxCA
2
1
VOUT
GND
VDD
Vref
3
Current Limit
+
SELECTION GUIDE
The output voltage and package for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RN5RZxx
∗A-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
RH5RZxxCA-T1-FE
SOT-89
1,000 pcs
Yes
Yes
xx: The output voltage can be designated in the range from 2.0V (20) to 6.0V (60) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)
∗ : CE pin polarity are options as follows
(A) "L" active
(B) "H" active
(C) without chip enable


Similar Part No. - RN5RZ30AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ30AA-TR RICOH-RN5RZ30AA-TR Datasheet
151Kb / 24P
   LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
More results

Similar Description - RN5RZ30AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com