Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RL50AA-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RN5RL50AA-TR-FE
Description  Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RL50AA-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  RN5RL50AA-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RN5RL50AA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rx5RL
3
PIN CONFIGURATION
SOT-23-5
SOT-89
TO-92
1
4
5
2
3
(mark side)
3
12
(mark side)
3
12
(mark side)
PIN DESCRIPTION
SOT-23-5
Pin No
Symbol
Pin Description
1
GND
Ground Pin
2
VIN
Input Pin
3
VOUT
Output Pin
4
NC
No Connection
5
NC
No Connection
SOT-89
Pin No
Symbol
Pin Description
1
GND
Ground Pin
2
VIN
Input Pin
3
VOUT
Output Pin
TO-92 (Discontinued)
Pin No
Symbol
Pin Description
1
GND
Ground Pin
2
VIN
Input Pin
3
VOUT
Output Pin


Similar Part No. - RN5RL50AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RL50AA-TR RICOH-RN5RL50AA-TR Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
More results

Similar Description - RN5RL50AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Microchip Technology
AN1025 MICROCHIP-AN1025 Datasheet
527Kb / 8P
   Converting A 5.0V Supply Rail To A Regulated 3.0V
2006
logo
RICOH electronics devic...
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
RICOH electronics devic...
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com