Electronic Components Datasheet Search |
|
RP100K151B-TR Datasheet(PDF) 5 Page - RICOH electronics devices division |
|
RP100K151B-TR Datasheet(HTML) 5 Page - RICOH electronics devices division |
5 / 29 page RP100x NO.EA-140-160425 5 ELECTRICAL CHARACTERISTICS • RP100xxx1B/D VIN =Set VOUT+1V, IOUT=1mA, CIN=COUT =1μF, unless otherwise noted. Topt =25°C Symbol Item Conditions Min. Typ. Max. Unit VOUT Output Voltage VOUT > 2.0V ×0.994 ×1.006 V VOUT ≤ 2.0V −12 +12 mV IOUT Output Current 200 mA ΔVOUT/ΔIOUT Load Regulation 1mA ≤ IOUT ≤ 150mA 20 40 mV VDIF Dropout Voltage IOUT =150mA 1.2V ≤ VOUT < 1.5V 0.40 0.50 V 1.5V ≤ VOUT < 1.7V 0.24 0.38 1.7V ≤ VOUT < 2.0V 0.21 0.34 2.0V ≤ VOUT < 2.5V 0.17 0.30 2.5V ≤ VOUT < 2.8V 0.14 0.25 2.8V ≤ VOUT ≤ 3.3V 0.13 0.23 ISS Supply Current IOUT =0mA 18 25 μA Istandby Standby Current VCE =0V 0.1 2.0 μA ΔVOUT/ΔVIN Line Regulation Set VOUT +0.5V ≤ VIN ≤ 5.0V 0.02 0.10 %/V RR Ripple Rejection f =1kHz, Ripple 0.2Vp-p VIN =Set VOUT+1V, IOUT=30mA (In case that VOUT ≤ 2.0V, VIN=3V) 75 dB VIN Input Voltage∗ 1.7 5.25 V ΔVOUT/ΔTopt Output Voltage Temperature Coefficient −40°C ≤ Topt ≤ 85°C ±30 ppm / °C ISC Short Current Limit VOUT =0V 40 mA IPD CE Pull-down Current 0.3 μA VCEH CE Input Voltage "H" 1.1 V VCEL CE Input Voltage "L" 0.3 V en Output Noise BW =10Hz to 100kHz IOUT =30mA 30 μVrms RLOW Low Output Nch Tr. ON Resistance (of D version) VIN =4.0V, VCE=0V 30 Ω ∗) The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total operating time is within 500hrs. RECOMMENDED OPERATING CONDITIONS (ELECTRICAL CHARACTERISTICS) All of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. The semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And the semiconductor devices may receive serious damage when they continue to operate over the recommended operating conditions. |
Similar Part No. - RP100K151B-TR |
|
Similar Description - RP100K151B-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |