Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RT50AA-TR-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RN5RT50AA-TR-FE
Description  Supply Current Typ. 4關A (except ICEL)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT50AA-TR-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RN5RT50AA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RN5RT50AA-TR-FE Datasheet HTML 15Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RN5RT
11
RN5RT50A
0
20406080
100
120
0.0
0.1
0.2
0.3
0.4
0.5
Output Current IOUT(mA)
Topt=85˚C
25˚C
–40˚C
4) Output Voltage vs. Temperature
RN5RT30A
VIN=4V
IOUT=10mA
–50
–25
0
25
50
75
100
2.9
3.0
3.1
Temperature Topt(˚C)
RN5RT40A
VIN=5V
IOUT=10mA
–50
–25
0
25
50
75
100
3.9
4.0
4.1
Temperature Topt(˚C)
RN5RT50A
VIN=6V
IOUT=10mA
–50
–25
0
25
50
75
100
4.9
5.0
5.1
Temperature Topt(˚C)


Similar Part No. - RN5RT50AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RT50AA-TR RICOH-RN5RT50AA-TR Datasheet
89Kb / 17P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - RN5RT50AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
RD5RW RICOH-RD5RW Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
logo
SG Micro Corp
SGM6603 SGMICRO-SGM6603 Datasheet
1Mb / 17P
   Device Quiescent Current: 30關A (TYP)
SGM6605 SGMICRO-SGM6605 Datasheet
1Mb / 15P
   Device Quiescent Current: 30關A (TYP)
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com