Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA12-400C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTA12-400C
Description  isc Triacs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA12-400C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA12-400C Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
BTA12-400C
FEATURES
·
With TO-220AB insulated package
·
Suitables for general purpose AC switching. Which can be used as
an ON/OFF function in applications such as static relays, heating
regulation,induction motor starting circuits. Or for phase control
operation in light dimmers, motor speed controllers etc.
·
Minimum Lot-to-Lot variations for robust device performance and
reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak off-state voltage
400
V
IT(RMS)
RMS on-state current (full sine wave)Tj=90℃
12
A
ITSM
Non-repetitive peak on-state current
tp=20ms
120
A
Tj
Operating junction temperature
125
Tstg
Storage temperature
-40~150
Rth(j-c)
Thermal resistance, junction to case
2.3
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,Tj=25
VR=VRRM, Tj=125
0.005
1
mA
IDRM
Repetitive peak off-state current
VD=VDRM,Tj=25
VD=VDRM, Tj=125
0.005
1
mA
IGT
Gate trigger current
VD=12V; RL= 30Ω
25
mA
25
25
50
IH
Holding current
IGT= 0.5A, Gate Open
25
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 17A; tp= 380μs
1.55
V


Similar Part No. - BTA12-400C

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
BTA12-03S40D BELLNIX-BTA12-03S40D Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-03S40S BELLNIX-BTA12-03S40S Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-05S30D BELLNIX-BTA12-05S30D Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-05S30S BELLNIX-BTA12-05S30S Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
BTA12-12S12D BELLNIX-BTA12-12S12D Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
More results

Similar Description - BTA12-400C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
Q8006DH4 ISC-Q8006DH4 Datasheet
163Kb / 1P
   isc Triacs
TPDV1240RG ISC-TPDV1240RG Datasheet
221Kb / 1P
   isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
   isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
   isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
   isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
   isc Triacs
BTA16-600SWRG ISC-BTA16-600SWRG Datasheet
234Kb / 1P
   isc Triacs
BTA208-600 ISC-BTA208-600 Datasheet
234Kb / 1P
   isc Triacs
ISCC1896 ISC-ISCC1896 Datasheet
374Kb / 2P
   isc Triacs
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
   isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
   isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com