Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP101K152B-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP101K152B-TR
Description  Supply Current Typ. 18uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101K152B-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP101K152B-TR Datasheet HTML 5Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 6Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 7Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 8Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 9Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 10Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 11Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 12Page - RICOH electronics devices division RP101K152B-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
RP101x
NO.EA-167-160425
9
RP101x33xx
IOUT=1mA
IOUT=30mA
IOUT=50mA
04
3
2
15
Input Voltage VIN (V)
0
3.5
2.5
2.0
1.5
3.0
1.0
0.5
3) Supply Current vs. Input Voltage (C1
1.0F, C21.0F, Topt25C)
RP101x12xx
RP101x25xx
04
3
2
15
Input Voltage VIN (V)
0
35
25
20
15
30
10
5
04
3
2
15
Input Voltage VIN (V)
0
35
25
20
15
30
10
5
RP101x33xx
04
3
2
15
Input Voltage VIN (V)
0
35
25
20
15
30
10
5


Similar Part No. - RP101K152B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101K152B RICOH-RP101K152B Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP101K152B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100 RICOH-RP100_17 Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com