Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP102N151-TR-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP102N151-TR-FE
Description  Supply Current Typ. 50uA
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102N151-TR-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP102N151-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP102N151-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
RP102x
NO.EA-141-160705
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
0.3 to VIN0.3
V
IOUT
Output Current
400
mA
PD
Power Dissipation (WLCSP-4-P2)
530
mW
Power Dissipation (SOT-23-5)
420
Power Dissipation (DFN(PLP)1820-6)
880
Topt
Operating Temperature Range
40 to 85
C
Tstg
Storage Temperature Range
55 to 125
C
) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge.
And the semiconductor devices may receive serious damage when they continue to operate over the
recommended operating conditions.


Similar Part No. - RP102N151-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102N151B RICOH-RP102N151B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102N151B RICOH-RP102N151B Datasheet
25Kb / 1P
   MARK SPECIFICATION
RP102N151D RICOH-RP102N151D Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102N151D RICOH-RP102N151D Datasheet
25Kb / 1P
   MARK SPECIFICATION
More results

Similar Description - RP102N151-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com