Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ456 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ456
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ456 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ456 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ456 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ456 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ456 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ456
No.5442-3/4
A S O
2
3
5
7
2
3
5
7
2
3
5
--10
7
--1.0
--0.1
23
5
7
23
5
3
5
72
--1.0
--10
--100
IT05551
0
0
--2
--4
--6
--8
120
100
80
20
40
60
--10
VGS -- Qg
IT05550
<1
µs
10µ
s
100
µ
s
10ms
DC
operation
ID= --9A
IDP= --36A
Operation in this area
is limited by RDS(on).
1ms
VDS= --100V
ID= --9A
0
0
20
40
60
80
100
120
40
50
30
10
20
60
140
160
PD -- Tc
IT05552
0
--0.3
--0.6
--0.9
--1.2
--1.5
0
--5
--10
--15
--20
--25
--30
100
2
1000
2
3
5
7
10000
3
5
7
--0.1
23
5
7 --1.0
23
23
57
5
--10
3
5
7
1.0
2
3
5
7
10
2
3
--0.01
2
3
5
7
--0.1
2
3
5
7
--1.0
2
3
5
7
--10
2
3
5
yfs -- ID
--0.1
23
5
7
--1.0
23
5
7
--10
IF -- VSD
IT05546
IT05547
10
2
100
2
3
5
7
1000
3
5
7
SW Time -- ID
Ciss, Coss, Crss -- VDS
IT05548
IT05549
f=1MHz
Tc=
--25
°C
25°
C
75°
C
VDS= --10V
VGS=0
Ciss
Coss
Crss
VDD= --100V
VGS= --10V
tr
tf
td(off)
td(on)
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Tc=25
°C
Single pulse
Case Temperature, Tc --
°C
Total Gate Charge, Qg -- nC


Similar Part No. - 2SJ456

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ450 HITACHI-2SJ450 Datasheet
44Kb / 9P
   Silicon P-Channel MOS FET
2SJ451 HITACHI-2SJ451 Datasheet
40Kb / 8P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ451 RENESAS-2SJ451 Datasheet
110Kb / 7P
   Silicon P Channel MOS FET
2SJ451ZK-TL-E RENESAS-2SJ451ZK-TL-E Datasheet
110Kb / 7P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ451ZK-TL-E VBSEMI-2SJ451ZK-TL-E Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SJ456

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com