Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT-BGA-7021 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SBT-BGA-7021
Description  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-7021 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SBT-BGA-7021 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-7021 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-7021 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-7021 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.540
5.080
17.725
Backing Plate Outline
15.225
Socket base outline
1.700±0.100 (x4)
non-plated mounting hole
0.850±0.025 (x2)
non-plated alignment hole
3.6125±0.025*
3.3625
0.500 typ
0.280 (x169) pad
12.725±0.050 (x2)
6.000
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
It is shifted by 0.25mm to the right of center
with respect to the mounting holes
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 08/19/2014
Material: N/A
Finish: N/A
Weight: 10.18
SBT-BGA-7021 Drawing
SCALE: 6:1
SHEET: 2 OF 4
ENG: M.A. Fedde
FILE: SBT-BGA-7021 Dwg
DRAWN BY: M. Raske


Similar Part No. - SBT-BGA-7021

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7020 IRONWOOD-SBT-BGA-7020 Datasheet
494Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7022 IRONWOOD-SBT-BGA-7022 Datasheet
316Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7024 IRONWOOD-SBT-BGA-7024 Datasheet
423Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7025 IRONWOOD-SBT-BGA-7025 Datasheet
308Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
More results

Similar Description - SBT-BGA-7021

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com