Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744912127 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744912127
Description  WE-CAIR Air coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744912127 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744912127 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912127 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912127 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912127 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912127 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912127 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.2
1.1
1.0
REV
2014-10-27
2014-09-11
2014-03-24
DATE
SSt
SSt
SSt
BY
HBH
HBH
HBH
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CAIR Air coil
Order.- No.
744912127
SIZE
A4
Size: 4248
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Q-factor
DC Resistance
Rated current
Self resonant frequency
Test conditions
150 MHz
150 MHz
@ 20°C
∆T = 15 K
L
Q
RDC
IR
fres
Value
27
100
4.0
3.5
2.7
Unit
nH
A
GHz
Tol.
±5%
min.
max.
max.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +110°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -10°C to +40°C; 30 to 70% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744912127

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744912127G WURTH-744912127G Datasheet
614Kb / 6P
   WE-CAIR Air coil
002.000
More results

Similar Description - 744912127

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744912139 WURTH-744912139 Datasheet
1Mb / 6P
   WE-CAIR Air coil
744911112 WURTH-744911112 Datasheet
1,001Kb / 6P
   WE-CAIR Air coil
744913080 WURTH-744913080 Datasheet
1Mb / 6P
   WE-CAIR Air coil
744912156G WURTH-744912156G Datasheet
613Kb / 6P
   WE-CAIR Air coil
002.000
744913118G WURTH-744913118G Datasheet
629Kb / 6P
   WE-CAIR Air coil
002.000
744914117G WURTH-744914117G Datasheet
646Kb / 6P
   WE-CAIR Air coil
002.000
744918242 WURTH-744918242 Datasheet
658Kb / 6P
   WE-CAIR Air coil
002.000
744914122G WURTH-744914122G Datasheet
647Kb / 6P
   WE-CAIR Air coil
002.000
744910025 WURTH-744910025 Datasheet
952Kb / 6P
   WE-CAIR Air coil
744914143 WURTH-744914143 Datasheet
1Mb / 6P
   WE-CAIR Air coil
744912139G WURTH-744912139G Datasheet
613Kb / 6P
   WE-CAIR Air coil
002.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com