Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74479775233 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74479775233
Description  WE-PMI Power Multilayer Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479775233 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479775233 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479775233 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479775233 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479775233 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479775233 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479775233 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479775233 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.2
1.1
1.0
REV
2014-06-11
2014-03-10
2013-02-04
DATE
SSt
SSt
SSt
BY
SSt
SSt
DDi
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PMI Power Multilayer Inductor
Order.- No.
74479775233
SIZE
A4
Size: 0805
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Rated current
Saturation current
DC Resistance
Self resonant frequency
Q-factor
Type of application
Test conditions
1 MHz/ 5 mA
∆T = 20 K
∆T = 40 K
|ΔL/L| = 30%
@ 20°C
1 MHz/ 5 mA
L
IR
IR
Isat
RDC
fres
Q
Value
3.3
700
1000
280
200
30
25
Low RDC
Unit
µH
mA
mA
mA
MHz
Tol.
±20%
typ.
typ.
typ.
±25%
min.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C/105°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74479775233

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74479775210 WURTH-74479775210 Datasheet
202Kb / 4P
   SMD-power inductance WE-PMI
74479775210A WURTH-74479775210A Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
74479775215 WURTH-74479775215 Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
74479775222 WURTH-74479775222 Datasheet
202Kb / 4P
   SMD-power inductance WE-PMI
74479775222A WURTH-74479775222A Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.004
More results

Similar Description - 74479775233

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74479876215C WURTH-74479876215C Datasheet
289Kb / 6P
   WE-PMI Power Multilayer Inductor
74479887222A WURTH-74479887222A Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479777310 WURTH-74479777310 Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479899111 WURTH-74479899111 Datasheet
829Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899130 WURTH-74479899130 Datasheet
811Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899150 WURTH-74479899150 Datasheet
810Kb / 6P
   WE-PMI Power Multilayer Inductor
74479899210 WURTH-74479899210 Datasheet
804Kb / 6P
   WE-PMI Power Multilayer Inductor
74479778310 WURTH-74479778310 Datasheet
484Kb / 7P
   WE-PMI Power Multilayer Inductor
001.002
74479775222A WURTH-74479775222A Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.004
74479889222 WURTH-74479889222 Datasheet
543Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
74479889268 WURTH-74479889268 Datasheet
542Kb / 7P
   WE-PMI Power Multilayer Inductor
001.003
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com