Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMW10-5-X Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMW10-5-X
Description  6.6 to 15 Watts Medical Grade Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMW10-5-X Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMW10-5-X Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMW10-5-X Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMW10/12/15 Series
6.6 to 15 Watts Medical Grade Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
INPUT SPECIFICATIONS
Input Voltage Range ............... 90-264 VAC
Input Frequency ...................... 47-63 Hz
Input Current ........................... 0.32A rms @ 115 VAC,
................................................ 0.19A rms @ 230 VAC
Inrush Current ........................ 60A @ 240 VAC, at 25°C cold start
Touch Current ......................... 100 µA max.
No Load Input Power. ............. 0.1W max.
................................................
OUTPUT SPECIFICATIONS
Output Power Ratings ............ See table
Line Regulation ...................... ±1% max.
Load Regulation ..................... ±5% max.
Ripple and Noise* .................. 1% peak to peak max.
Over Voltage Protection .......... Shut down
Short Circuit Protection .......... Shut down; Auto-recovery
Over Current Protection ......... Shutdown, Auto-recovery
Temperature Coefficient ........ ±0.04%/°C max.
Transient Response .............. 0.5 ms @ 50% load change
* Measured with 20MHz bandwidth at rated line voltage and output load ranges, with
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor in parallel
across the output.
STANDARDS & COMPLIANCES
IEC/EN 60601-1-2:2014 ....... EMC & Immunity Performance
EN 55011, CISPR 11, FCC ... Class B, conducted & radiated
EN 61000-3-2 ........................ Harmonic distortion, Class A
EN 61000-3-3 ........................ Line fluctuations & flicker
EN 61000-4-2 ........................ ESD, ±15 KV air and ±8 KV contact
EN 61000-4-3 ........................ Radiated immunity, 10V/m
EN 61000-4-4 ........................ Fast transient/burst, ±2 KV
EN 61000-4-5 ........................ Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 ........................ Conducted immunity, 6 Vrms
EN 61000-4-8 ........................ Magnetic field immunity, 30A/m
EN 61000-4-11 ...................... Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ................... UL/IEC/EN 60601-1 (Edition 3.1),
............................................... ANSI/AAMI ES 60601-1 (2012),
............................................... CSA C22.2 No. 60601-1 (2014);
IEC/EN 60950-1 (2nd Edition, CB)
Pending Agency Approvals .... UL, cUL, CE, CB, TUV/GS
Other Compliances .............. RoHS, DOE/GEMS Level VI,
............................................... ErP Stage II
FEATURES
• Single 3.3V to 24V DC Outputs
• Interchangeable and Fixed AC Plugs
• USB Socket on 5V Output Models
• Approved to IEC/EN/UL 60601-1 Edition 3.1
• Meets IEC/EN 60601-1-2 4th Edition Medical EMC
• DOE/GEMS Level VI & ErP Stage II Compliant
• Black (Standard) and White (Optional) Colors
GENERAL SPECIFICATIONS
Efficiency ................................ 78% min. @ full load
Hold-up Time .......................... 10 ms @ full load
Operating Temperature ......... 0°C to +40°C
Storage Temperature ............. -20°C to +80°C
Operating Humidity ................ 20% to 80% non-condensing
Storage Humidity .................... 10% to 90% non-condensing
Withstand Voltage .................. 4,000 VAC, input-output
MTBF ....................................... 300 KHrs minimum at full load,
25°C ambient, calculated per
Telecordia SR-332
MODELS LIST
Notes:
1. Specify the AC plug code when ordering, e.g. TMW10-5-U for 5V output with US
AC plug, TMW12-12-I for 12V output "main body" for interchangeable plug, etc.
2. For interchangeable type, at least one interchangeable plug must be ordered
together with the "main body" (X=I), e.g. TMW10-5-I for 5V output main body and
TIPU for US type interchangeable plug, etc.
3. Add suffix "P" to order units with a built-in USB socket, e.g. TMW10-5-UP for 5V
output with a fixed US plug and USB type A receptacle. The maximum current for
USB type A connector is 2.4A.
4. Standard color is black. Add suffix "W" for white version, e.g. TMW10-5-UPW.
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
n
e
r
r
u
C
m
u
m
i
x
a
M
r
e
w
o
P
X
-
3
.
3
-
0
1
W
M
T
V
3
.
3A
2W
6
.
6
X
-
5
-
0
1
W
M
T
V
5A
2W
0
1
X
-
5
-
5
1
W
M
T
V
5A
3W
5
1
X
-
9
-
0
1
W
M
T
V
9A
2
.
1W
8
.
0
1
X
-
2
1
-
2
1
W
M
T
V
2
1A
1W
2
1
X
-
5
1
-
2
1
W
M
T
V
5
1A
8
.
0W
2
1
X
-
8
1
-
2
1
W
M
T
V
8
1A
7
6
.
0W
2
1
X
-
4
2
-
2
1
W
M
T
V
4
2A
5
.
0W
2
1
X
e
d
o
C
n
o
i
t
p
i
r
c
s
e
D
/
n
o
i
t
a
n
g
i
s
e
D
U
g
u
l
P
S
U
d
e
x
i
F
E
g
u
l
P
U
E
d
e
x
i
F
B
g
u
l
P
K
U
d
e
x
i
F
I
"
y
d
o
B
n
i
a
M
"
e
l
b
a
e
g
n
a
h
c
r
e
t
n
I
g
u
l
P
C
A
e
h
t
t
u
o
h
t
i
w
Note: X = AC plug code. See the tables and drawings below for details.
g
u
l
P
e
l
b
a
e
g
n
a
h
c
r
e
t
n
I
.
o
N
t
r
a
P
g
u
l
P
S
U
U
P
I
T
g
u
l
P
U
E
E
P
I
T
g
u
l
P
K
U
B
P
I
T
g
u
l
P
U
A
A
P
I
T


Similar Part No. - TMW10-5-X

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMW24 TRACOPOWER-TMW24 Datasheet
996Kb / 5P
   AC/DC Medical Power Supply TMW 24 Series, 24 Watt
Rev. November 30, 2022
TMW24-105 TRACOPOWER-TMW24-105 Datasheet
996Kb / 5P
   AC/DC Medical Power Supply TMW 24 Series, 24 Watt
Rev. November 30, 2022
TMW24-105P TRACOPOWER-TMW24-105P Datasheet
1Mb / 5P
   AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
TMW24-112 TRACOPOWER-TMW24-112 Datasheet
996Kb / 5P
   AC/DC Medical Power Supply TMW 24 Series, 24 Watt
Rev. November 30, 2022
TMW24-112P TRACOPOWER-TMW24-112P Datasheet
1Mb / 5P
   AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
More results

Similar Description - TMW10-5-X

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
TAM30 TRUMPOWER-TAM30 Datasheet
177Kb / 2P
   30 Watts Medical Grade AC/DC Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
   40-65W Medical Grade Power Adapters
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com