Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC431 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC431
Description  Adjustable Precision Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC431 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC431_15 Datasheet HTML 1Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 2Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 3Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 4Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 5Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 6Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 7Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 8Page - Analog Intergrations Corporation AIC431_15 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AIC431/TL431A/TL431
5
TYPICAL PERFORMANCE CHARACTERISTICS
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-600
-400
-200
0
200
400
600
800
1000
IZ(MIN)
VZ =VREF
TA =25C
Fig. 4 Cathode Current vs. Cathode Voltage
Cathode Voltage (V)
-40
-20
0
20
40
60
80
100
120
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
Fig. 5 Reference Voltage vs. Temperature
VZ =VREF
IZ =10mA
Temperature (
C)
VREF=2.535V
VREF=2.495V
VREF=2.455V
-40
-20
0
20
40
60
80
100
120
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Fig. 6 Reference Input Current vs. Temperature
Temperature (
C)
R1=10K
R2=
IZ=10mA
-40
-20
0
20
40
60
80
100
120
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
VZ=VREF
IZ=1mA to100mA
F <1KHz
Fig. 7 Dynamic Impedance vs. Temperature
Temperature (
C)
0
5
10
15
20
25
30
35
40
-6
-5
-4
-3
-2
-1
0
Fig. 8 Change in Reference Voltage vs. Cathode Voltage
Cathode Voltage (V)
IZ =10mA
TA =25C
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
Fig. 9 Off-State Cathode Current vs. Temperature
Temperature (
C)
VREF=0V
VZ=30V


Similar Part No. - AIC431_15

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC431CS AIC-AIC431CS Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
AIC431CUN AIC-AIC431CUN Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
AIC431CUS AIC-AIC431CUS Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
AIC431CX AIC-AIC431CX Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
AIC431CZ AIC-AIC431CZ Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
More results

Similar Description - AIC431_15

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com