Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0531 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-0531
Description  Dual Channel, High Speed Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0531 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0531 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0531 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Package Characteristics
Parameter
Sym.
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
2500
V rms
RH < 50%,
3, 10
Momentary With-
t = 1 min.,
stand Voltage**
Resistance
RI-O
1012
RH
≤ 45%
3
(Input-Output)
VI-O = 500 Vdc,
t = 5 s
Capacitance
CI-O
0.6
pF
f = 1 MHz,
12
(Input-Output)
TA = 25°C
Input-Input
II-I
0.005
µA
RH
≤ 45%,
4
Insulation
t = 5 s,
Leakage Current
VI-I = 500 Vdc
Resistance
RI-I
1011
4
(Input-Input)
Capacitance
CI-I
HCPL-2530/
0.03
pF
f = 1 MHz
4
(Input-Input)
2531/4534
HCPL-0530/
0.25
0531/0534
*All typicals at T
A = 25°C.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,”
publication number 5963-2203E.
Device
Parameter
Sym.
HCPL-
Min. Typ.* Max. Units
Test Conditions
Fig. Note
Propagation
tPHL
2530/0530
0.2
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 9,
6, 7
Delay Time
2.0
11
to Logic Low
2531/0531/
0.2
0.8
TA = 25°CRL = 1.9 kΩ
at Output
4534/0534
1.0
Propagation
tPLH
2530/0530
1.3
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 9,
6, 7
Delay Time
2.0
11
High to Logic
2531/0531/
0.6
0.8
TA = 25°CRL = 1.9 kΩ
at Output
4534/0534
1.0
Common
|CMH| 2530/0530
1
10
kV/
µsR
L = 4.1 kΩ
IF = 0 mA,
10
5, 6,
Mode Transient
2531/0531
1
10
RL = 1.9 kΩ TA = 25°C,
7
Immunity at
4534/0534
15
30
RL = 1.9 kΩ VCM = 10 Vp-p
Logic High
Level Output
Common
|CML| 2530/0530
1
10
kV/
µsR
L = 4.1 kΩ
IF = 0 mA,
10
5, 6,
Mode Transient
2531/0531
1
10
RL = 1.9 kΩ TA = 25°C,
7
Immunity at
4534/0534
15
30
RL = 1.9 kΩ VCM = 10 Vp-p
Logic Low
Level Output
Bandwidth
BW
3
MHz
RL = 100 kΩ
7, 8
*All typicals at TA = 25°C.
Switching Specifications (AC)
Over recommended temperature (TA = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified.
HCPL-2530/
2531/4534
Option 020
3, 11
5000


Similar Part No. - HCPL-0531

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531 AVAGO-HCPL-0531 Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-0531 AVAGO-HCPL-0531 Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0531-000E AVAGO-HCPL-0531-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0531

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com