Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAPA880 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CAPA880
Description  LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA880 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA880 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
125
* All specifications and photos are subject to change without notice.
CPU
LGA1150 socket 4th generation Intel® Core™ i7/i5/i3 &
Celeron® processor
System Memory
1 x 204-pin DDR3-1600 SO-DIMM, up to 8GB
Chipset
Intel® H81
BIOS
AMI UEFI BIOS
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x USB 3.0, 1 x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connectors
+12V DC-in only
AT Auto Power On function supported
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +55°C (-4°F ~ 131°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x RS-232/422/485 with +5V/+12V powered
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i218LM
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
2 x USB 3.0
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmed
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
Standard
Quick installation guide, User’s Manual/Utility CD and cable
Cable
Part Number
Description
Qty
59380880250E
1 x COM, P=1.25 mm, L=250 mm
1
59312260020E
Audio Cable w/bracket, P=1.25 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/bracket, L=180 mm
1
5078E880100E
Cooler
1
I/O
Display
Core System
LVDS
SATA
Audio
USB 2.0 3/4
COM
Ethernet 1/2
USB 3.0 1/2
USB 2.0 1/2
VGA
HDMI
+12V power input
Top view
Rear view
Full-Size PCIe
Mini Card
with mSATA
supported
ZIO connector
(1 x PCIe x1,
1 x USB, 1 x LPC,
1 x SMBus)
DDR3 SO-DIMM
Ordering Information
Standard
CAPA880VHGGA-H81
(P/N: E38E880102)
3.5" Embedded SBC with LGA1150 socket 4th generation
Intel® Core™ i7/i5/i3 & Celeron® processor, Intel® H81
chipset, VGA/LVDS/HDMI, 2 GbE LANs, audio and gift box
CAPA880VHGGA-H81-ZIO
(P/N: E38E880100)
3.5" Embedded SBC with LGA1150 socket 4th generation
Intel® Core™ i7/i5/i3 & Celeron® processor, Intel® H81
chipset, VGA/LVDS/HDMI, 2GbE LANs, audio and ZIO
connector
Optional
AX93262
(P/N:E393262100)
ZIO module w/ four COM ports and one PCIe Mini Card
AX93285
(P/N: E393285100)
ZIO module w/ two COM ports and 32-bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module w/ two COM ports and 2 Gigabit Ethernet
AX93295
(P/N: E393295100)
ZIO module w/ two isolated COM ports and two USB 3.0
Packing List
Assembly View
CAPA880
3.5" Embedded SBC with LGA1150 Socket 4th Gen Intel® Core™ i7/i5/i3 & Celeron®
Processor, Intel® H81, LVDS/VGA/HDMI, Dual LANs and Audio
Features
LGA1150 socket 4th gen Intel® Core™ i7/i5/i3 & Celeron®
processor
Intel® H81 chipset
1DDR3-1600 SO-DIMM, up to 8GB
2 USB 3.0 and 4 USB 2.0 ports
1 COM and 2 Gigabit LAN ports
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
+12V
DDR3
DDR3
DDR3
DualView


Similar Part No. - CAPA880

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_17 Datasheet
321Kb / 1P
   4th/5th generation Intel Core i7/i5/i3 & Celeron
More results

Similar Description - CAPA880

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX671-885-FL AXIOMTEK-EBOX671-885-FL_17 Datasheet
335Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
EBOX635-881-FL AXIOMTEK-EBOX635-881-FL_17 Datasheet
342Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Axiomtek Co., Ltd.
EBOX640-500-FL AXIOMTEK-EBOX640-500-FL Datasheet
296Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3 & CeleronR processor
logo
Advantech Co., Ltd.
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
logo
Axiomtek Co., Ltd.
CAPA500 AXIOMTEK-CAPA500 Datasheet
341Kb / 1P
   LGA1151 6th/7th gen Intel짰 Core??i7/i5/i3 processor
logo
Advantech Co., Ltd.
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
logo
Axiomtek Co., Ltd.
SHB130 AXIOMTEK-SHB130_17 Datasheet
234Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1150 4th Gen Intel Core i7/i5/i3 Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com