Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M060305 Datasheet(PDF) 1 Page - E-SWITCH

Part # M060305
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M060305 Datasheet(HTML) 1 Page - E-SWITCH

  M060305 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R6ABLKREDFF
2:1
8/2/2000
M060305
D
GLG
1
1
RECOMMENDED P.C.B. PANEL MOUNTING
PANEL THICKNESS
0.75-1.25
1.25-2.00
2.00-3.00
19.6
19.4
19.2
X
1a
1a
1
1
2.00
[.079 in]
6.2
[.24 in]
7.0
[.276 in]
4.60
[.181 in]
.80
[.031 in]
6.50
[.256 in]
18.90
[.744 in]
4.76
[.187 in]
4.50
[.177 in]
1.00
[.039 in]
1.50
[.059 in]
21.00
[.827 in]
15.50
[.610 in]
9.60
[.378 in]
4.00
[.157 in]
2.70
[.106 in]
2.20
[.087 in]
C
16949
17.6 DIM CHANGED TO 17.3
1/31/07
TN
CIRCUIT: SPST
1
1a
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 4(1)A 250VAC, 10A 125VAC, 6A 250VAC
5. MATERIAL: BODY & ROCKER, NYLON 6/6 UL94 V-2
6.
DENOTES CRITICAL PARAMETER.
15.3
[.602 in]
D
22536
UPDATED DIMENSIONS
10/7/16
MJR
ACTUATOR
COLOR RED
HOUSING
COLOR BLACK
X
7.00 .05
.276 .002 in
[
]
6.90
[.272 in]
POSITION
1
POSITION
3
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
OFF
ON
OPEN
N/A
1-1a


Similar Part No. - M060305

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M060300 E-SWITCH-M060300 Datasheet
175Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M060301 E-SWITCH-M060301 Datasheet
175Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M060302 E-SWITCH-M060302 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M060303 E-SWITCH-M060303 Datasheet
175Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M060304 E-SWITCH-M060304 Datasheet
37Kb / 1P
   The Information contained in this document is proprietary to E-SWITCH and is not to be copied or transferred
More results

Similar Description - M060305

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com