Electronic Components Datasheet Search |
|
GOT5840T-845 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd. |
|
GOT5840T-845 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd. |
1 / 2 page 529 * All specifications and photos are subject to change without notice. Front Bezel IP65, NEMA 4 rugged protection, plastic front bezel LCD Panel Display Type 8.4" SVGA TFT LCD with LED backlight Brightness (cd/m 2) 350 nits Resolution 800 x 600 Viewing Angel (H/V) 160°/140° Main System CPU Intel® Celeron® processor N3060 2 cores (up to 2.48 GHz) System Memory 1 x 204-pin DDR3L-1600 MHz SO-DIMM, up to 8GB BIOS AMI UEFI BIOS Storage 1 x mSATA Watchdog Timer 255 levels, 0~255 sec. Onboard Graphics Integrated in Intel® GFX GOT5840T-845 8.4" SVGA TFT Fanless Touch Panel Computer with Intel® Celeron® Processor N3060 NEW Introduction Specifications The GOT5840T-845 is an 8.4" Intel® Celeron®-based fanless touch panel computer. In response to market demand, this panel computer is a cost effective solution. It adopts a modern, super sleek and fanless design and is equipped with a 8.4" TFT LCD as well as Intel® Celeron® processor N3060 (Braswell). For wireless network connection, the GOT5840T-845 offers 2 PCI Express Mini Card slots. By just plugging in the mini card WLAN card, customers can have instant access to wireless LAN/GPRS/GSM/4G environments. Besides, it provides two types of power input. One is DC power input with terminal block connector, and anotheris AC power adapter with screw type connector. Super Slim & Ultra Lightweight Design The GOT5840T-845 is a super slim touch panel computer for space-limited environment with its thickness of 45 mm and weight of 1.3 kg only, which make it installed everywhere. Built-in Internal WLAN Antenna The GOT5840T-845 provides 2 PCI Express Mini Card slots and a built-in WLAN antenna for wireless network connections. By simply plugging in the wireless LAN card, customers can use the GOT5840T-845 in a wireless LAN/GPRS/GSM/4G environments. Aluminum Back Chassis with Excellent Thermal Solution With Axiomtek's patent for plastic plus aluminum mechanism design, the GOT5840T-845 can dissipate the heat easily and keep the system operation stable. Fanless Low Power IP65 AiRD DDR3L DDR3L DDR3L DualView Features ● 8.4" SVGA TFT LCD display with LED backlight ● Fanless cooling system with Intel® Celeron® processor N3060 (up to 2.48 GHz) ● Ultra slim and super light design ● WLAN module and internal antenna ● 2 PCI Express Mini Cards ● 2 Gigabit LAN, 2 USB and 2 COM ports ● Supports optional panel mount/wall mount/VESA arm/ desktop stand ● Plastic and IP65-rated front bezel 1. Power switch (ATX) 2. Power input connector (screw) 3. Power input connector (phoenix) 4. Audio (Line-out) 5. COM 1 (RS-232/422485) 6. COM 2 (RS-232) 7. HDMI 8. USB 3.0 x 2 9. Ethernet (RJ-45) 10. AX/ATX selectable switch 1 4 5 6 7 8 8 8 2 3 |
Similar Part No. - GOT5840T-845 |
|
Similar Description - GOT5840T-845 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |