Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA5A Datasheet(PDF) 2 Page - Rohm

Part # FMA5A
Description  Emitter common Dual digital transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA5A Datasheet(HTML) 2 Page - Rohm

  FMA5A Datasheet HTML 1Page - Rohm FMA5A Datasheet HTML 2Page - Rohm FMA5A Datasheet HTML 3Page - Rohm FMA5A Datasheet HTML 4Page - Rohm FMA5A Datasheet HTML 5Page - Rohm FMA5A Datasheet HTML 6Page - Rohm FMA5A Datasheet HTML 7Page - Rohm FMA5A Datasheet HTML 8Page - Rohm FMA5A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EMA5 / UMA5N / FMA5A
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-12 to 5
V
Output current
IO
-100
mA
Collector current
IC(MAX)*1
-100
mA
Power dissipation
EMA5
PD*2*3
150
mW
UMA5N
PD*2*3
150
FMA5A
PD*2*4
300
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.5
V
VI(on)
VO = -0.3V, IO = -5mA
-1.1
-
-
Output voltage
VO(on)
IO = -5mA, II = -0.25mA
-
-100
-300
mV
Input current
II
VI = -5V
-
-
-3.6
mA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-500
nA
DC current gain
GI
VO = -5V, IO = -10mA
80
-
-
-
Input resistance
R1
-
1.54
2.2
2.86
Resistance ratio
R2/R1
-
17
21
26
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
                                            
 
                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/7
20150919 - Rev.002


Similar Part No. - FMA5A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA5A ROHM-FMA5A Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
FMA5A ROHM-FMA5A Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA5AT148 ROHM-FMA5AT148 Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMA5A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com